Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS86 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LS86
Description  Quad 2-Input Exclusive-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LS86 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LS86 Datasheet HTML 1Page - Fairchild Semiconductor 74LS86 Datasheet HTML 2Page - Fairchild Semiconductor 74LS86 Datasheet HTML 3Page - Fairchild Semiconductor 74LS86 Datasheet HTML 4Page - Fairchild Semiconductor 74LS86 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICCH is measured with all outputs OPEN, one input at each gate at 4.5V, and the other inputs grounded.
Note 5: ICCL is measured with all outputs OPEN and all inputs grounded.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.2
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
40
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.6
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max (Note 4)
6.1
10
mA
ICCL
Supply Current with Outputs LOW
VCC = Max (Note 5)
9
15
mA
RL = 2 kΩ
Symbol
Parameter
Conditions
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Other
18
23
ns
LOW-to-HIGH Level Output
Input
tPHL
Propagation Delay Time
Low
17
21
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Other
10
15
ns
LOW-to-HIGH Level Output
Input
tPHL
Propagation Delay Time
High
12
15
ns
HIGH-to-LOW Level Output


Similar Part No. - 74LS86

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
74LS86 SLS-74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
74LS86 HITACHI-74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Silicon Supplies
74LS86A SS-74LS86A Datasheet
513Kb / 4P
   Low Power Schottky Logic
logo
Renesas Technology Corp
74LS86P RENESAS-74LS86P Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
More results

Similar Description - 74LS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com