Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ20M00200K Datasheet(PDF) 9 Page - AVX Corporation

Part # VJ20M00200K
Description  Glass Encapsulated SMD Varistor MLV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VJ20M00200K Datasheet(HTML) 9 Page - AVX Corporation

Back Button VJ20M00200K Datasheet HTML 2Page - AVX Corporation VJ20M00200K Datasheet HTML 3Page - AVX Corporation VJ20M00200K Datasheet HTML 4Page - AVX Corporation VJ20M00200K Datasheet HTML 5Page - AVX Corporation VJ20M00200K Datasheet HTML 6Page - AVX Corporation VJ20M00200K Datasheet HTML 7Page - AVX Corporation VJ20M00200K Datasheet HTML 8Page - AVX Corporation VJ20M00200K Datasheet HTML 9Page - AVX Corporation VJ20M00200K Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
23
PART NUMBERS
Max. Peak
Part Number
Operating Voltage
Max.
Max. Clamping Voltage
Current
Energy
Cap. Typical
Leakage
8*20μs
8*20μs
10*1000μs
(1KHz/0.5V)
Pulse
Vrms
Vdc
μA
V
A
J
pF
VC32M01750K--
175
270
100
455
10
400
15
135
VC32M00231K--
230
360
50
595
10
400
20
100
VC32M00251K--
250
390
50
650
10
400
21
90
VC32M02750K--
275
430
50
710
10
400
23
80
VC32M00301K--
300
470
50
775
10
400
23
70
Glass Encapsulated SMD Varistor MLV
(VC32)
Single Layer SLV Range – M0 Series
GENERAL DESCRIPTION
The VC32M0 Series offers the designer a surface mount
solution with higher voltage ratings and transient energy
ratings. This Single Layer Surface Mount Varistor replaces
the traditional radial-lead Varistors with reduced size and
weight. The glass encapsulation ensures the high
performances in voltage up to 300Vrms reliability and acid-
resistance against harsh environment like chlorite soldering
flux.
APPLICATIONS
• MOV (Radial) Replacement
• Suppression of transient on line voltage
• Electric Meters
• Industrial Equipment
• Mains PSUs
• Telecommunications
• Consumer Electronics
FEATURES
• Lead less surface mount chip 3220 Case Size
• Voltage Ratings from 175Vrms to 300 Vrms
• VC32 with hybrid Ag-100% Terminations
• Operating temperature from -55°C to +125°C
• RoHS Compliant


Similar Part No. - VJ20M00200K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ20M00200K AVX-VJ20M00200K Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
More results

Similar Description - VJ20M00200K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ15MA0160KBA AVX-VJ15MA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA_17 Datasheet
456Kb / 12P
   Glass Encapsulated SMD Varistor MLV
VJ15PA0160KBA AVX-VJ15PA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
logo
Stackpole Electronics, ...
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
logo
List of Unclassifed Man...
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Vishay Siliconix
NTCSMELFE3 VISHAY-NTCSMELFE3_17 Datasheet
94Kb / 4P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
Revision: 24-Aug-17
NTCSMELFE3 VISHAY-NTCSMELFE3 Datasheet
92Kb / 5P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
Revision: 01-Jul-15
NTCSMELFE3 VISHAY-NTCSMELFE3_V01 Datasheet
93Kb / 4P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
01-Jan-2022
logo
EPCOS
B57540G0502 EPCOS-B57540G0502 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com