Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMMK-2503-BLKG Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-2503-BLKG
Description  1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-2503-BLKG Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button VMMK-2503-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED VMMK-2503-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
VMMK-2503 Typical Performance (continue)
(TA = 25°C, Vdd = 5V, Idd = 65mA, Zin = Zout = 50
: unless noted)
Figure 13. Output P1dB over Temp [3]
Figure 15. Gain over Temp [3]
Figure 17. Input Return Loss Over Temp [3]
Figure 14. Output IP3 over Vdd [1,2]
Figure 16. Noise Figure over Temp [3]
Figure 18. Output Return Loss Over Temp [3]
Notes:
1. Data taken on a G-S-G probe substrate fully de-embedded to the reference plane of the package
2. Output IP3 data taken at Pin=-15dBm
3. Over temp data taken on a test fixture (Figure 20) without de-embedding
5
10
15
20
1
3579
11
13
Frequency (GHz)
0
5
10
15
20
1
35
79
11
13
Frequency (GHz)
25C
85C
-40C
-30
-20
-10
0
1
3579
11
13
Frequency (GHz)
-30
-20
-10
0
1
35
7
9
11
13
Frequency (GHz)
1
2
3
4
5
1
35
79
11
13
Frequency (GHz)
0
10
20
30
40
1
35
7
9
11
13
Frequency (GHz)
25C
-40C
85C
25C
-40C
85C
25C
-40C
85C
-45C
25C
85C
4V
4.5V
5V


Similar Part No. - VMMK-2503-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
VMMK-2503 BOARDCOM-VMMK-2503 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2503 AVAGO-VMMK-2503_15 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
More results

Similar Description - VMMK-2503-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
VMMK-2503 BOARDCOM-VMMK-2503 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2503 AVAGO-VMMK-2503_15 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
Broadcom Corporation.
DEMO-VMMK-2X03 BOARDCOM-DEMO-VMMK-2X03 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2203 AVAGO-VMMK-2203 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2203 BOARDCOM-VMMK-2203 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2403 AVAGO-VMMK-2403 Datasheet
768Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2403 BOARDCOM-VMMK-2403 Datasheet
819Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
VMMK-2103 BOARDCOM-VMMK-2103 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103_15 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com