Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ20M00140K Datasheet(PDF) 2 Page - AVX Corporation

Part # VJ20M00140K
Description  Glass Encapsulated SMD Varistor MLV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VJ20M00140K Datasheet(HTML) 2 Page - AVX Corporation

  VJ20M00140K Datasheet HTML 1Page - AVX Corporation VJ20M00140K Datasheet HTML 2Page - AVX Corporation VJ20M00140K Datasheet HTML 3Page - AVX Corporation VJ20M00140K Datasheet HTML 4Page - AVX Corporation VJ20M00140K Datasheet HTML 5Page - AVX Corporation VJ20M00140K Datasheet HTML 6Page - AVX Corporation VJ20M00140K Datasheet HTML 7Page - AVX Corporation VJ20M00140K Datasheet HTML 8Page - AVX Corporation VJ20M00140K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
16
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Automotive MLV Range – MA and PA Series
AUTOMOTIVE SERIES – VJ12, 20, 13, 14, 15, 32 MA and PA SERIES
FEATURES
• Available in case size 0805, 1206, 1210, 1812, 2220,
(3220 under development)
• Nickel and Tin (100%) plated Termination
• Max Energy absorption: 1.5 to 25J (50J under
development)
• Well suited to protect against automotive related transients
• Load Dump capabilities: according to ISO standard
DP7637-2 12V and 24V pulse 5
• Jump start capability (12V): 24.5 V - 5mn
• Complying to main requirements of AECQ 200
• RoHS Compliant and IMDS Registration
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +150ºC
Operating Temperature: -55ºC to +125ºC*
* 150°C upon request
APPLICATIONS
• Protection of various semiconductor elements from
overvoltage.
• Absorption of switching surge and electrostatic surge for
relays and motors.
• Protection of electronic equipment for automobiles from
induced lightning surge.
PART NUMBERS
Part Number
Case Size
Working
Breakdown
Peak
Maximum
Energy
Energy
Jump Start
T max
EIA
Voltage
Voltage
current
leakage
10*1000μs
Load-Dump
current at Vdc
(x10)
Vdc
V(1mA)
Amp. 8*20μs
μA
Joules
Joules
Vmax
Thickness
(5mn min.)
mm (inches)
*VJ12PA0160---
0805
16
24.5
120
20
0.3
1
24.5
1.3
VJ20MA0160---
1206
16
24.5
200
20
0.6
1.5
24.5
1.7
VJ20PA0160---
1206
16
24.5
300
20
1.1
2
24.5
1.7
VJ13MA0160---
1210
16
24.5
400
20
1.6
3
24.5
1.7
VJ13PA0160---
1210
16
24.5
500
20
2
5
24.5
1.7
VJ14MA0160---
1812
16
24.5
800
20
2.4
6
25.5
2
VJ14PA0160---
1812
16
24.5
1000
20
2.9
10
25.5
2
VJ15MA0160---
2220
16
24.5
1200
20
5.8
12
25.5
2
VJ15PA0160---
2220
16
24.5
1500
20
7.2
25
25.5
2
VJ32PA0160---
3220
16
24.5
2000
20
13.8
50
24.5
2.5
VJ15MA0340---
2220
34
47
1200
20
10
12
47
2.5
VJ15PA0340---
2220
34
47
2000
20
13
25
47
2.5
*VJ32PA0340
3220
34
47
2000
20
19
50
47
2.5
* under development
Hybrid termination AgPdPt upon request
TEMPERATURE CHARACTERISTICS
For Current, Energy and Power
100
120
80
60
40
20
0
-55
-25
0
25
Ambient Temperature (
°C)
50
75
100
125
150
IMPEDANCE CHARACTERISTICS
VJ15PA0160K
VJ15MA0160K
VJ14MA0160K
VJ13MA0160K
VJ20MA0160K
VJ15MA0340K
100
10
1
0.1
0.01
1,000
10,000
100,000
Frequency (kHz)
1,000,000


Similar Part No. - VJ20M00140K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ20M00140K AVX-VJ20M00140K Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
More results

Similar Description - VJ20M00140K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ15MA0160KBA AVX-VJ15MA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA_17 Datasheet
456Kb / 12P
   Glass Encapsulated SMD Varistor MLV
VJ15PA0160KBA AVX-VJ15PA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
logo
Stackpole Electronics, ...
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
logo
List of Unclassifed Man...
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Vishay Siliconix
NTCSMELFE3 VISHAY-NTCSMELFE3_17 Datasheet
94Kb / 4P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
Revision: 24-Aug-17
NTCSMELFE3 VISHAY-NTCSMELFE3 Datasheet
92Kb / 5P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
Revision: 01-Jul-15
NTCSMELFE3 VISHAY-NTCSMELFE3_V01 Datasheet
93Kb / 4P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
01-Jan-2022
logo
EPCOS
B57540G0502 EPCOS-B57540G0502 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com