Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ32PA0160 Datasheet(PDF) 5 Page - AVX Corporation

Part # VJ32PA0160
Description  Glass Encapsulated SMD Varistor MLV
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VJ32PA0160 Datasheet(HTML) 5 Page - AVX Corporation

  VJ32PA0160 Datasheet HTML 1Page - AVX Corporation VJ32PA0160 Datasheet HTML 2Page - AVX Corporation VJ32PA0160 Datasheet HTML 3Page - AVX Corporation VJ32PA0160 Datasheet HTML 4Page - AVX Corporation VJ32PA0160 Datasheet HTML 5Page - AVX Corporation VJ32PA0160 Datasheet HTML 6Page - AVX Corporation VJ32PA0160 Datasheet HTML 7Page - AVX Corporation VJ32PA0160 Datasheet HTML 8Page - AVX Corporation VJ32PA0160 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
19
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Automotive MLV Range – MA and PA Series
AUTOMOTIVE SERIES – VJ12, 20, 13, 14, 15, 32 MA and PA SERIES
AUTOMOTIVE LOAD DUMP TEST
(According to ISO DP7637/2 Pulse 5)
Vz
Vi
0V
Tr
Td
10%
90%
t
When using the test method indicated below,
the amount of Energy dissipated by the
varistor must not exceed the Load Dump
Energy value specified in the product table.
12V Network
Vi = 13.5V
Td = 100 to 350ms
Ri = 2 Ohms (Internal Resistance)
Vz - 70 to 200V
Number of Pulses = 10 Pulses
Other Load Dump Simulations can be achieved
24V Network
Vi = 27V
Td = 100 to 350ms
Ri = 2 Ohms (Internal Resistance)
Vz - 70 to 200V
Number of Pulses = 10 Pulses
VJ20MA0160K
0.5 Ohm
1 Ohm
2 Ohms
50ms
333439
100ms
31
31
34
200ms
27
28
33
400ms
28
30
34
VJ13PA0160K
0.5 Ohm
1 Ohm
2 Ohms
50ms
444857
100ms
36
39
46
200ms
33
33
39
400ms
29
28
34
VJ14PA0160K
0.5 Ohm
1 Ohm
2 Ohms
50ms
606885
100ms
46
52
62
200ms
37
41
50
400ms
32
35
43
VJ15PA0160K
0.5 Ohm
1 Ohm
2 Ohms
50ms
98
116
150
100ms
66
80
104
200ms
50
60
78
400ms
41
47
58
VJ32PA0160K
0.5 Ohm
1 Ohm
2 Ohms
50ms
146
186
200
100ms
105
131
179
200ms
72
88
113
400ms
54
67
96
Pulse 5: Typical Vz max versus Pulse duration and Rs
Voltage Pulse applied to the varistor:


Similar Part No. - VJ32PA0160

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ32PA0160 AVX-VJ32PA0160 Datasheet
1Mb / 10P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
More results

Similar Description - VJ32PA0160

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ15MA0160KBA AVX-VJ15MA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA_17 Datasheet
456Kb / 12P
   Glass Encapsulated SMD Varistor MLV
VJ15PA0160KBA AVX-VJ15PA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
logo
Stackpole Electronics, ...
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
logo
List of Unclassifed Man...
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Vishay Siliconix
NTCSMELFE3 VISHAY-NTCSMELFE3_17 Datasheet
94Kb / 4P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
Revision: 24-Aug-17
NTCSMELFE3 VISHAY-NTCSMELFE3 Datasheet
92Kb / 5P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
Revision: 01-Jul-15
NTCSMELFE3 VISHAY-NTCSMELFE3_V01 Datasheet
93Kb / 4P
   SMD MELF SOD80, Glass Encapsulated NTC Thermistors
01-Jan-2022
logo
EPCOS
B57540G0502 EPCOS-B57540G0502 Datasheet
61Kb / 3P
   Glass-Encapsulated Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com