Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS3638 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPS3638
Description  Switching Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS3638 Datasheet(HTML) 1 Page - Motorola, Inc

  MPS3638 Datasheet HTML 1Page - Motorola, Inc MPS3638 Datasheet HTML 2Page - Motorola, Inc MPS3638 Datasheet HTML 3Page - Motorola, Inc MPS3638 Datasheet HTML 4Page - Motorola, Inc MPS3638 Datasheet HTML 5Page - Motorola, Inc MPS3638 Datasheet HTML 6Page - Motorola, Inc MPS3638 Datasheet HTML 7Page - Motorola, Inc MPS3638 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Switching Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
–25
Vdc
Collector – Emitter Voltage
VCES
–25
Vdc
Collector – Base Voltage
VCBO
–25
Vdc
Emitter – Base Voltage
VEBO
–4.0
Vdc
Collector Current — Continuous
IC
–500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA(1)
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –100 mAdc, VBE = 0)
V(BR)CES
–25
Vdc
Collector – Emitter Sustaining Voltage(2)
(IC = –10 mAdc, IB = 0)
VCEO(sus)
–25
Vdc
Collector – Base Breakdown Voltage
(IC = –100 mAdc, IE = 0)
V(BR)CBO
–25
Vdc
Emitter – Base Breakdown Voltage
(IE = –100 mAdc, IC = 0)
V(BR)EBO
–4.0
Vdc
Collector Cutoff Current
(VCE = –15 Vdc, VBE = 0)
(VCE = –15 Vdc, VBE = 0, TA = –65°C)
ICES
–0.035
–2.0
mAdc
Emitter Cutoff Current
(VEB = –3.0 V, IC = 0)
IEBO
–35
nA
Base Current
(VCE = –15 Vdc, VBE = 0)
IB
–0.035
mAdc
1. RqJA is measured with the device soldered into a typical printed circuit board.
2. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
Order this document
by MPS3638/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPS3638,A
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPS3638

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS3638 FAIRCHILD-MPS3638 Datasheet
307Kb / 8P
   PNP Small Signal General Purpose Amplifiers & Switches
logo
Motorola, Inc
MPS3638A MOTOROLA-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Fairchild Semiconductor
MPS3638A FAIRCHILD-MPS3638A Datasheet
307Kb / 8P
   PNP Small Signal General Purpose Amplifiers & Switches
logo
SEMTECH ELECTRONICS LTD...
MPS3638A SEMTECH_ELEC-MPS3638A Datasheet
152Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - MPS3638

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N2369 MOTOROLA-2N2369 Datasheet
291Kb / 6P
   Switching Transistors
logo
New Jersey Semi-Conduct...
2N3996 NJSEMI-2N3996 Datasheet
87Kb / 1P
   SWITCHING TRANSISTORS
logo
WILLAS ELECTRONIC CORP
MMBT2369(A)LT1 WILLAS-MMBT2369(A)LT1 Datasheet
386Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MPS2369 MOTOROLA-MPS2369 Datasheet
97Kb / 4P
   Switching Transistors
logo
ON Semiconductor
MMBT2369LT1G ONSEMI-MMBT2369LT1G_09 Datasheet
195Kb / 6P
   Switching Transistors
September, 2009 ??Rev. 7
logo
Guangdong Kexin Industr...
FMMT3903 KEXIN-FMMT3903 Datasheet
37Kb / 2P
   Switching Transistors
logo
Leshan Radio Company
LMBT2369LT1G LRC-LMBT2369LT1G Datasheet
292Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MMBT2369LT1 MOTOROLA-MMBT2369LT1 Datasheet
304Kb / 8P
   Switching Transistors
logo
Comset Semiconductor
BSX62 COMSET-BSX62 Datasheet
78Kb / 3P
   SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT4126 KEXIN-FMMT4126 Datasheet
37Kb / 2P
   Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com