Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74LS74AM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DM74LS74AM
Description  Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS74AM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74LS74AM Datasheet HTML 1Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 2Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 3Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 4Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 5Page - Fairchild Semiconductor DM74LS74AM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 3: CL = 15 pF, RL = 2 kΩ, TA = 25°C, and VCC = 5V.
Note 4: CL = 50 pF, RL = 2 kΩ, TA = 25°C, and VCC = 5V.
Note 5: The symbol (
↑) indicates the rising edge of the clock pulse is used for reference.
Note 6: TA = 25°C and VCC = 5V.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency (Note 3)
0
25
MHz
fCLK
Clock Frequency (Note 4)
0
20
MHz
tW
Pulse Width
Clock HIGH
18
(Note 3)
Preset LOW
15
ns
Clear LOW
15
tW
Pulse Width
Clock HIGH
25
(Note 4)
Preset LOW
20
ns
Clear LOW
20
tSU
Setup Time (Note 3)(Note 5)
20
ns
tSU
Setup Time (Note 4)(Note 5)
25
ns
tH
Hold Time (Note 5)(Note 6)
0
ns
TA
Free Air Operating Temperature
0
70
°C


Similar Part No. - DM74LS74AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS74AM NSC-DM74LS74AM Datasheet
136Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
More results

Similar Description - DM74LS74AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S74 FAIRCHILD-DM74S74 Datasheet
50Kb / 5P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear, and Complementary Outputs
logo
National Semiconductor ...
54LS74 NSC-54LS74 Datasheet
136Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Texas Instruments
5474 TI1-5474 Datasheet
358Kb / 8P
[Old version datasheet]   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
5474 NSC-5474 Datasheet
121Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM7474 FAIRCHILD-DM7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
54LS109 NSC-54LS109 Datasheet
135Kb / 6P
   Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com