Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S16160G-7TLA1 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS45S16160G-7TLA1
Description  32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16160G-7TLA1 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS45S16160G-7TLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16160G-7TLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16160G-7TLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16160G-7TLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16160G-7TLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16160G-7TLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16160G-7TLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16160G-7TLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16160G-7TLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev.  A
3/20/2012
IS42S83200G, IS42S16160G
IS45S83200G, IS45S16160G
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
VDD
NC
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
VSS
NC
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
PIN CONFIGURATIONS
54 pin TSOP - Type II  for x8
PIN DESCRIPTIONS
A0-A12
RowAddressInput
A0-A9
ColumnAddressInput
BA0,BA1
BankSelectAddress
DQ0toDQ7
DataI/O
CLK
SystemClockInput
CKE
ClockEnable
CS
ChipSelect
RAS
RowAddressStrobeCommand
CAS
ColumnAddressStrobeCommand
WE
WriteEnable
DQM
DataInput/OutputMask
Vdd
Power
Vss
Ground
Vddq
PowerSupplyforI/OPin
Vssq
GroundforI/OPin
NC
NoConnection


Similar Part No. - IS45S16160G-7TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16160C ISSI-IS45S16160C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160C-75TLA1 ISSI-IS45S16160C-75TLA1 Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160C-7TLA1 ISSI-IS45S16160C-7TLA1 Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160D ISSI-IS45S16160D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS45S16160D-6BLA1 ISSI-IS45S16160D-6BLA1 Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS45S16160G-7TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2_99 Datasheet
2Mb / 77P
   Synchronous DRAM 256Mb: x4, x8, x16 SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2_03 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
logo
Hynix Semiconductor
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com