Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1022DI Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ1022DI
Description  EZBuck??3A Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1022DI Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ1022DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 15Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AOZ1022
Rev. 1.6 December 2010
www.aosmd.com
Page 11 of 17
An easy-to-use application software which helps to
design and simulate the compensation loop can be found
at www.aosmd.com.
Thermal Management and Layout
Consideration
In the AOZ1022 buck regulator circuit, high pulsing
current flows through two circuit loops. The first loop
starts from the input capacitors, to the VIN pin, to the LX
pins, to the filter inductor, to the output capacitor and
load, and then return to the input capacitor through
ground. Current flows in the first loop when the high side
switch is on. The second loop starts from inductor, to the
output capacitors and load, to the anode of Schottky
diode, to the cathode of Schottky diode. Current flows in
the second loop when the low side diode is on.
In PCB layout, minimizing the two loops area reduces the
noise of this circuit and improves efficiency. A ground
plane is strongly recommended to connect input capaci-
tor, output capacitor, and PGND pin of the AOZ1022.
In the AOZ1022 buck regulator circuit, the major power
dissipating components are the AOZ1022 and the
output inductor. The total power dissipation of converter
circuit can be measured by input power minus output
power.
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
The actual junction temperature can be calculated with
power dissipation in the AOZ1022 and thermal
impedance from junction to ambient.
The maximum junction temperature of AOZ1022 is
150°C, which limits the maximum load current capability.
Please see the thermal de-rating curves for maximum
load current of the AOZ1022 under different ambient
temperature.
The thermal performance of the AOZ1022 is strongly
affected by the PCB layout. Extra care should be taken
by users during design process to ensure that the IC
will operate under the recommended environmental
conditions.
The AOZ1022 comes in an EPAD SO-8 package. Layout
tips are listed below for the best electric and thermal
performance. Figure 3 illustrates a PCB layout example
of the AOZ1022.
1.
The LX pins are connected to internal PFET and
NFET drains. They are low resistance thermal
conduction path and the most noisy switching node.
Connected a large copper plane to the LX pin to help
thermal dissipation.
2.
Do not use thermal relief connection to the VIN and
the PGND pin. Pour a maximized copper area to the
PGND pin and the VIN pin to help thermal dissipation.
3.
Input capacitor should be connected to the VIN pin
and the PGND pin as close as possible.
4.
A ground plane is preferred. If a ground plane is
not used, separate PGND from AGND and connect
them only at one point to avoid the PGND pin noise
coupling to the AGND pin.
5.
Make the current trace from LX pins to L to Co to the
PGND as short as possible.
6.
Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND or VOUT.
7.
Keep sensitive signal trace far away form the LX
pins.
Ptotal_loss
VIN IIN VO IO
×
×
=
Pinductor_loss IO2 Rinductor 1.1
×
×
=
Tjunction
Ptotal_loss Pinductor_loss
() Θ
×
JA
=


Similar Part No. - AOZ1022DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results

Similar Description - AOZ1022DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022PI AOSMD-AOZ1022PI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com