Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1022DI Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ1022DI
Description  EZBuck??3A Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1022DI Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ1022DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1022DI Datasheet HTML 11Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AOZ1022
Rev. 1.6 December 2010
www.aosmd.com
Page 7 of 17
Detailed Description
The AOZ1022 is a current-mode step down regulator
with integrated high-side PMOS switch and a low-side
NMOS switch. It operates from a 4.5V to 16V input
voltage range and supplies up to 3A of load current.
The duty cycle can be adjusted from 6% to 100%
allowing a wide range of output voltage. Features include
enable control, Power-On Reset, input under voltage
lockout, output over voltage protection, active high power
good state, fixed internal soft-start and thermal shut
down.
Enable and Soft Start
The AOZ1022 has an internal soft start feature to limit
in-rush current and ensure the output voltage ramps up
smoothly to regulation voltage. A soft start process
begins when the input voltage rises to 4.1V and voltage
on EN pin is HIGH. In the soft start process, the output
voltage is typically ramped to regulation voltage in 4ms.
The 4ms soft start time is set internally.
The EN pin of the AOZ1022 is active HIGH. Connect the
EN pin to VIN if the enable function is not used.
Pulling EN to ground will disable the AOZ1022. Do not
leave it open. The voltage on the EN pin must be above
2V to enable the AOZ1022. When voltage on the EN
pin falls below 0.6V, the AOZ1022 is disabled. If an appli-
cation circuit requires the AOZ1022 to be disabled, an
open drain or open collector circuit should be used to
interface to the EN pin.
Power Good
The output of Power-Good is an open drain N-channel
MOSFET which supplies an active high power good
stage. A pull-up resistor (R3) should connect this pin to a
DC power trail with maximum voltage of 6V. The
AOZ1022 monitors the FB voltage. When FB voltage is
lower than 90% of the normal voltage, N-channel
MOSFET turns on and the Power-Good pin is pulled low.
This indicates the power is abnormal.
Steady-State Operation
Under steady-state conditions, the converter operates in
fixed frequency and Continuous-Conduction Mode
(CCM).
The AOZ1022 integrates an internal P-MOSFET as the
high-side switch. Inductor current is sensed by amplifying
the voltage drop across the drain to source of the high
side power MOSFET. Output voltage is divided down by
the external voltage divider at the FB pin. The difference
of the FB pin voltage and reference is amplified by the
internal transconductance error amplifier. The error
voltage, which shows on the COMP pin, is compared
against the current signal, which is sum of inductor
current signal and ramp compensation signal, at the
PWM comparator input. If the current signal is less than
the error voltage, the internal high-side switch is on. The
inductor current flows from the input through the inductor
to the output. When the current signal exceeds the error
voltage, the high-side switch is off. The inductor current
is freewheeling through the internal low-side N-MOSFET
switch to output. The internal adaptive FET driver
guarantees no turn on overlap of both high-side and
low-side switch.
Comparing with regulators using freewheeling Schottky
diodes, the AOZ1022 uses freewheeling NMOSFET to
realize synchronous rectification. It greatly improves the
converter efficiency and reduces power loss in the
low-side switch.
The AOZ1022 uses a P-Channel MOSFET as the high-
side switch. It saves the bootstrap capacitor normally
seen in a circuit which is using an NMOS switch. It allows
100% turn-on of the high-side switch to achieve linear
regulation mode of operation. The minimum voltage drop
from VIN to VO is the load current x DC resistance of
MOSFET + DC resistance of buck inductor. It can be
calculated by the equation below:
where;
VO_MAX is the maximum output voltage,
VIN is the input voltage from 4.5V to 16V,
IO is the output current from 0A to 3A, and
RDS(ON) is the on resistance of internal MOSFET, the value is
between 97m
and 200mdepending on input voltage and
junction temperature.
Switching Frequency
The AOZ1022 switching frequency is fixed and set by
an internal oscillator. The practical switching frequency
could range from 350kHz to 600kHz due to device
variation.
Output Voltage Programming
Output voltage can be set by feeding back the output to
the FB pin by using a resistor divider network. See the
application circuit shown in Figure 1. The resistor divider
network includes R1 and R2. Usually, a design is started
by picking a fixed R2 value and calculating the required
R1 with equation on the next page:
VO_MAX
VIN IO RDS ON
()
×
=
VO
0.8
1
R1
R2
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=


Similar Part No. - AOZ1022DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results

Similar Description - AOZ1022DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022PI AOSMD-AOZ1022PI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com