Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4973SB-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A4973SB-T
Description  Full-Bridge PWM Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4973SB-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A4973SB-T Datasheet HTML 1Page - Allegro MicroSystems A4973SB-T Datasheet HTML 2Page - Allegro MicroSystems A4973SB-T Datasheet HTML 3Page - Allegro MicroSystems A4973SB-T Datasheet HTML 4Page - Allegro MicroSystems A4973SB-T Datasheet HTML 5Page - Allegro MicroSystems A4973SB-T Datasheet HTML 6Page - Allegro MicroSystems A4973SB-T Datasheet HTML 7Page - Allegro MicroSystems A4973SB-T Datasheet HTML 8Page - Allegro MicroSystems A4973SB-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Full-Bridge PWM Motor Driver
A4973
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
FUNCTIONAL DESCRIPTION
Internal PWM Current Control During Forward
and Reverse Operation. The A4973 contains a fixed
off-time pulse width modulated (PWM) current-control circuit
that can be used to limit the load current to a desired value. The
peak value of the current limiting (ITRIP) is set by the selection
of an external current sensing resistor (RS) and reference input
voltage (VREF). The internal circuitry compares the voltage
across the external sense resistor to the voltage on the reference
input terminal (REF) resulting in a transconductance function
approximated by:
In forward or reverse mode the current-control circuitry limits
the load current as follows: when the load current reaches ITRIP,
the comparator resets a latch that turns off the selected source
driver or selected sink and source driver pair depending on
whether the device is operating in slow or fast current-decay
mode, respectively.
In slow current-decay mode, the selected source driver is
disabled and both sinks are turned on. The load inductance
causes the current to recirculate through the sink drivers. In fast
current-decay mode, the selected sink and source driver pair are
disabled, then the opposite pair is turned on. The load inductance
causes the current to flow from ground to the load supply via the
motor winding and the opposite pair of transistors (see figure 1).
The user selects an external resistor (RT) and capacitor (CT) to
determine the time period (tOFF = RT x CT) during which the
drivers remain disabled (see RC Fixed Off-Time section, below).
At the end of the RC interval, the drivers are enabled allowing
the load current to increase again. The PWM cycle repeats,
maintaining the peak load current at the desired value (figure 2).
Figure 2
Fast and Slow Current-Decay Waveforms
Brake Operation. During braking, care should be taken
to ensure that the motor’s current does not exceed the ratings
of the device. The braking current can be measured by using
an oscilloscope with a current probe connected to one of the
motor’s leads, or if the back-EMF voltage of the motor is known,
approximated by:
VBEMF
RLOAD
IPEAK BRAKE ML
RC Fixed Off-Time. The internal PWM current-control
circuitry uses a one shot to control the time the driver(s)
remain(s) off. The one-shot time, tOFF (fixed off-time), is
determined by the selection of an external resistor (RT) and
capacitor (CT) connected in parallel from the RC timing terminal
to ground. The fixed off-time, over a range of values of CT = 470
pF to 1500 pF and RT = 12 kΩ to 100 kΩ, is approximated by:
tOFF ≈ RT x CT
VREF
2 × RS
ITRIP
Figure 1 — Load-Current Paths
RS
VBB
Drive Current (Normal)
Recirculation (Fast Decay)
Recirculation (Slow Decay)
ENABLE
MODE
LOAD
CURRENT
RC
I
TRIP
Dwg. WP-015-1
RC


Similar Part No. - A4973SB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
More results

Similar Description - A4973SB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com