Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DM74LS377 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. DM74LS377
Description  Octal D-Type Flip-Flop with Common Enable and Clock
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009831
www.fairchildsemi.com
October 1988
Revised March 2000
DM74LS377
Octal D-Type Flip-Flop with Common Enable and Clock
General Description
The DM74LS377 is an 8-bit register built using advanced
low power Schottky technology. This register consists of
eight D-type flip-flops with a buffered common clock and a
buffered common input enable. The device is packaged in
the space-saving (0.3 inch row spacing) 20-pin package.
Features
s 8-bit high speed parallel registers
s Positive edge-triggered D-type flip-flops
s Fully buffered common clock and enable inputs
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
VCC = Pin 20
GND
= Pin 10
Pin Descriptions
Connection Diagram
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Order Number
Package Number
Package Description
DM74LS377WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74LS377N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
E
Enable Input (Active LOW)
D0–D7
Data Inputs
CP
Clock Pulse Input (Active Rising Edge)
Q0–Q7
Flip-Flop Outputs
Inputs
Output
E
CP
Dn
Qn
H
X
X
No Change
L

HH
L

LL




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
T74LS377Octal D flip-flop with common enable and clock 1 2 3 4 5 List of Unclassifed Manufacturers
54LS377OCTAL D FLIP-FLOP WITH COMMON ENABLE AND CLOCK 1 2 3 National Semiconductor (TI)
DM54LS377Octal D Flip-Flop with Common Enable and Clock 1 2 3 4 5 MoreNational Semiconductor (TI)
IN74HC273AOCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET 1 2 3 4 5 Integral Corp.
IN74LV273Octal D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreIntegral Corp.
IN74ACT273OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET 1 2 3 4 5 Integral Corp.
54ABT377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
SN74F377AOCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE 1 2 3 4 5 Texas Instruments
74ACT11377OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE 1 2 3 4 5 Texas Instruments
MC54-74HC273AOctal D Flip-Flop with Common Clock and Reset 1 2 3 4 5 MoreMotorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl