Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70001SEHX Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL70001SEHX
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001SEHX Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL70001SEHX Datasheet HTML 6Page - Intersil Corporation ISL70001SEHX Datasheet HTML 7Page - Intersil Corporation ISL70001SEHX Datasheet HTML 8Page - Intersil Corporation ISL70001SEHX Datasheet HTML 9Page - Intersil Corporation ISL70001SEHX Datasheet HTML 10Page - Intersil Corporation ISL70001SEHX Datasheet HTML 11Page - Intersil Corporation ISL70001SEHX Datasheet HTML 12Page - Intersil Corporation ISL70001SEHX Datasheet HTML 13Page - Intersil Corporation ISL70001SEHX Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL70001ASEH
10
FN8365.0
May 22, 2013
Typical Operating Performance
Unless otherwise noted,
TA = +25°C, VIN = 5V, EN = 5V, L = 1.0µH, CIN =4x47µF, COUT = 10x100µF, VOUT = 1.8V, IOUT = 0A to 6A.
FIGURE 5. EFFICIENCY vs LOAD, VIN = 3.3V
FIGURE 6. EFFICIENCY vs LOAD, VIN = 5.0V
FIGURE 7. POWER DISSIPATION vs LOAD, VIN = 3.3V
FIGURE 8. POWER DISSIPATION vs LOAD, VIN = 5.0V
FIGURE 9. VOUT REGULATION vs ILOAD, VIN = 3.3V (NORMALIZED
to ILOAD = 0)
FIGURE 10. VOUT REGULATION vs ILOAD, VIN = 5.0V (NORMALIZED
to ILOAD = 0)
70
75
80
85
90
95
100
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
70
75
80
85
90
95
100
ILOAD (A)
0123456
1.5V
1.2V
1.8V
2.5V
3.3V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
3.3V
-0.005
-0.004
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
0.004
0.005
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
-0.010
-0.005
0
0.005
0.010
0
ILOAD (A)
123456
1.5V
1.2V
1.8V
2.5V
3.3V


Similar Part No. - ISL70001SEHX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
More results

Similar Description - ISL70001SEHX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70002SEH INTERSIL-ISL70002SEH Datasheet
558Kb / 23P
   Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
logo
Anaren Microwave
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
   RAD HARD 6A SWITCHING REGULATOR
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Anaren Microwave
MSK5055RH ANAREN-MSK5055RH Datasheet
513Kb / 11P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
MSK591XRHG MSK-MSK591XRHG Datasheet
298Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com