Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70001ASEHVF Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL70001ASEHVF
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHVF Datasheet(HTML) 1 Page - Intersil Corporation

  ISL70001ASEHVF Datasheet HTML 1Page - Intersil Corporation ISL70001ASEHVF Datasheet HTML 2Page - Intersil Corporation ISL70001ASEHVF Datasheet HTML 3Page - Intersil Corporation ISL70001ASEHVF Datasheet HTML 4Page - Intersil Corporation ISL70001ASEHVF Datasheet HTML 5Page - Intersil Corporation ISL70001ASEHVF Datasheet HTML 6Page - Intersil Corporation ISL70001ASEHVF Datasheet HTML 7Page - Intersil Corporation ISL70001ASEHVF Datasheet HTML 8Page - Intersil Corporation ISL70001ASEHVF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001ASEH
The ISL70001ASEH is a radiation hardened and SEE hardened
high efficiency monolithic synchronous buck regulator with
integrated MOSFETs. This single chip power solution operates
over an input voltage range of 3V to 5.5V and provides a tightly
regulated output voltage that is externally adjustable from 0.8V
to ~85% of the input voltage. Output load current capacity is 6A
for TJ < +145°C.
The ISL70001ASEH utilizes peak current-mode control for
excellent output load transient response and features integrated
compensation and switches at a fixed frequency of 1MHz to
reduce component size and count. In application where two POLs
are needed, two ISL70001ASEH devices can be synchronized
180° out-of-phase to reduce the overall input RMS ripple current.
The internal synchronous power switches are optimized for high
efficiency and good thermal performance.
The ISL70001ASEH incorporates fault protection for the
regulator. The protection circuits include input undervoltage,
output undervoltage, and output overcurrent.
High integration and class leading radiation tolerance makes
the ISL70001ASEH an ideal choice to power many of today’s
small form factor applications. Two devices can be
synchronized to provide a complete power solution for large
scale digital ICs, like field programmable gate arrays (FPGAs),
that require separate core and I/O voltages.
Applications
• FPGA, CPLD, DSP, CPU Core or I/O Voltages
• Low-Voltage, High-Density Distributed Power Systems
Related Literature
• ISL70001ASEHEV1Z Evaluation Board, AN1842
Features
• ±1% Reference Voltage Over Line, Load, Temperature and
Radiation
• Current Mode Control for Excellent Dynamic Response
• Full Mil-Temp Range Operation (TA = -55°C to +125°C)
• 50% Lower Shutdown Supply Current than the ISL70001SEH
• Available in a thermally enhanced heatsink package - R48.B
• Highly Efficient: 94% Peak Efficiency
• Operates from 3V to 5.5V Supply
• Adjustable Output Voltage
- Two External Resistors Set VOUT from 0.8V to ~85% of VIN
• Bi-directional SYNC Pin Allows Two Devices to be Synchronized
180° Out-of-Phase
• Power-Good Output Voltage Monitor
•Adjustable Analog Soft-Start
• Input Undervoltage, Output Undervoltage and Output
Overcurrent Protection
• Electrically Screened to DLA SMD 5962-09225
• QML Qualified per MIL-PRF-38535 Requirements
•Radiation Hardness
- Total Dose [50-300rad(Si)/s] . . . . . . . . . . . . . . 100krad(Si)
- Total Dose [<10mrad(Si)/s] . . . . . . . . . . . . . . 100krad(Si)*
* Product capability established by initial characterization. The
EH version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate.
• SEE Hardness
- SEL and SEB LETeff . . . . . . . . . . . . 86.4MeV/mg/cm2 min
-SEFI X-section (LETeff = 86.4MeV/mg/cm2) 1.4 x 10-6 cm2
max
-SET LETeff (< 1 Pulse Perturbation) 86.4MeV/mg/cm2 min
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY 5V INPUT, TA = +25°C
ISL70001ASEH
ISL75051SEH
ISL70001ASEH
5V Supply
CORE
AUX
I/O
RAD TOLERANT
FPGA
SYNCH
SYNCH
LOAD CURRENT (A)
70
75
80
85
90
95
0123
6
100
45
1.5V
1.2V
1.8V
2.5V
3.3V
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
May 22, 2013
FN8365.0


Similar Part No. - ISL70001ASEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70001ASEHVF RENESAS-ISL70001ASEHVF Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70001ASEHVFE RENESAS-ISL70001ASEHVFE Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
More results

Similar Description - ISL70001ASEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70002SEH INTERSIL-ISL70002SEH Datasheet
558Kb / 23P
   Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
logo
Anaren Microwave
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
   RAD HARD 6A SWITCHING REGULATOR
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Anaren Microwave
MSK5055RH ANAREN-MSK5055RH Datasheet
513Kb / 11P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
MSK591XRHG MSK-MSK591XRHG Datasheet
298Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com