Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5611-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5611-EVALZ
Description  30 MHz to 6 GHz RF/IF Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  ADL5611-EVALZ Datasheet HTML 1Page - Analog Devices ADL5611-EVALZ Datasheet HTML 2Page - Analog Devices ADL5611-EVALZ Datasheet HTML 3Page - Analog Devices ADL5611-EVALZ Datasheet HTML 4Page - Analog Devices ADL5611-EVALZ Datasheet HTML 5Page - Analog Devices ADL5611-EVALZ Datasheet HTML 6Page - Analog Devices ADL5611-EVALZ Datasheet HTML 7Page - Analog Devices ADL5611-EVALZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADL5611
Preliminary Technical Data
Rev. PrA | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, VPOS
TBD V
Input Power (50 Ω Impedance)
TBD dBm
Internal Power Dissipation (Paddle Soldered)
TBD W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 3 lists the junction-to-air thermal resistance (θJA) and the
junction-to-paddle thermal resistance (θJC) for the ADL5611.
Table 3. Thermal Resistance
Package Type
θJA1
θJC2
Unit
3-Lead SOT-89
TBD
TBD
°C/W
1
Measured on Analog Devices evaluation board. For more information about
board layout, see the Soldering Information and Recommended PCB Land
Pattern section.
2
Based on simulation with JEDEC standard JESD51.
ESD CAUTION


Similar Part No. - ADL5611-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5611-EVALZ AD-ADL5611-EVALZ Datasheet
402Kb / 16P
   RF/IF Gain Block
More results

Similar Description - ADL5611-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com