Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4835EP Datasheet(PDF) 4 Page - Analog Power

Part # AM4835EP
Description  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4835EP Datasheet(HTML) 4 Page - Analog Power

  AM4835EP Datasheet HTML 1Page - Analog Power AM4835EP Datasheet HTML 2Page - Analog Power AM4835EP Datasheet HTML 3Page - Analog Power AM4835EP Datasheet HTML 4Page - Analog Power AM4835EP Datasheet HTML 5Page - Analog Power AM4835EP Datasheet HTML 6Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
AM4835EP
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4835E_C
Typical Electrical Characteristics (P-Channel)
Figure 11. Transient Thermal Response Curve
0
500
1000
1500
2000
0
5
10
15
20
VDS (V)
Ciss
Coss
Crss
Figure 8. Capacitance Characteristics
Figure 10. Single Pulse Maximum Power Dissipation
Normalized Thermal Transient Junction to Ambient
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Single Pulse
.02
.05
.1
.2
.5
P DM
t 1
t2
1. Duty Cyc al D = t1/t2
2. P er Unit Ba s e RθJA
=70C /W
3. TJM - TA = P DM Zθjc
4. Sure fa ce Mo unted
Square Wave Pulse Duration (S)
Figure 9. Maximum Safe Operating Area
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg, Total Gate Charge (nC)
VD= 10V
ID= -9.5A
Figure 7. Gate Charge Characteristics
0.01
0.1
1
10
100
0.1
1
10
100
VDS Drain to Source Voltage (V)
10 us
100 us
1ms
10ms
100
1 10s
100s
DC
ID
limited
RDS(ON)
1s
0
5
10
15
20
25
30
35
40
45
50
0.001
0.1
10
1000
TIME(S)


Similar Part No. - AM4835EP

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4835EP DOINGTER-AM4835EP Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - AM4835EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com