Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS11057 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS11057
Description  Patch Lead - CAT 5E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PS11057 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS11057 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS11057 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS11057 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Patch Lead - CAT 5E
Page <3>
06/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Patch Lead, CAT 5E, 1 m Red
PS11041
Patch Lead, CAT 5E, 2 m Red
PS11042
Patch Lead, CAT 5E, 3 m Red
PS11043
Patch Lead, CAT 5E, 4 m Red
PS11044
Patch Lead, CAT 5E, 5 m Red
PS11045
Patch Lead, CAT 5E, 6 m Red
PS11046
Patch Lead, CAT 5E, 7 m Red
PS11047
Patch Lead, CAT 5E, 10 m Red
PS11048
Patch Lead, CAT 5E, 15 m Red
PS11049
Patch Lead, CAT 5E, 20 m Red
PS11050
Patch Lead, CAT 5E, 0.5 m Yellow
PS11051
Patch Lead, CAT 5E, 1 m Yellow
PS11052
Patch Lead, CAT 5E, 2 m Yellow
PS11053
Patch Lead, CAT 5E, 3 m Yellow
PS11054
Patch Lead, CAT 5E, 4 m Yellow
PS11055
Patch Lead, CAT 5E, 5 m Yellow
PS11056
Patch Lead, CAT 5E, 6 m Yellow
PS11057
Patch Lead, CAT 5E, 7 m Yellow
PS11058
Patch Lead, CAT 5E, 10 m Yellow
PS11059
Patch Lead, CAT 5E, 15 m Yellow
PS11060
Patch Lead, CAT 5E, 20 m Yellow
PS11061
Patch Lead, CAT 5E, 0.5 m Pink
PS11062
Description
Part Number
Patch Lead, CAT 5E, 1 m Pink
PS11063
Patch Lead, CAT 5E, 2 m Pink
PS11064
Patch Lead, CAT 5E, 3 m Pink
PS11065
Patch Lead, CAT 5E, 5 m Pink
PS11066
Patch Lead, CAT 5E, 10 m Pink
PS11067
Patch Lead, CAT 5E, 0.5 m Violet
PS11068
Patch Lead, CAT 5E, 1 m Violet
PS11069
Patch Lead, CAT 5E, 2 m Violet
PS11070
Patch Lead, CAT 5E, 5 m Violet
PS11071
Patch Lead, CAT 5E, 10 m Violet
PS11072
Patch Lead, CAT 5E, 0.5 m Black
PS11073
Patch Lead, CAT 5E, 1 m Black
PS11074
Patch Lead, CAT 5E, 2 m Black
PS11075
Patch Lead, CAT 5E, 3 m Black
PS11076
Patch Lead, CAT 5E, 4 m Black
PS11077
Patch Lead, CAT 5E, 5 m Black
PS11078
Patch Lead, CAT 5E, 6 m Black
PS11079
Patch Lead, CAT 5E, 7 m Black
PS11080
Patch Lead, CAT 5E, 10 m Black
PS11081
Patch Lead, CAT 5E, 15 m Black
PS11082
Patch Lead, CAT 5E, 20 m Black
PS11083


Similar Part No. - PS11057

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
   Surface Mount Phototransistor/Dome Lenz Type
PS1105WA-23-TR STANLEY-PS1105WA-23-TR Datasheet
593Kb / 21P
   Lead?밼ree soldering compatible
More results

Similar Description - PS11057

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCUP-80005-G-R ASSMANN-A-MCUP-80005-G-R Datasheet
45Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80005-R-R ASSMANN-A-MCUP-80005-R-R Datasheet
45Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80030-B-R ASSMANN-A-MCUP-80030-B-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80030-R-R ASSMANN-A-MCUP-80030-R-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80100-R ASSMANN-A-MCUP-80100-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCSP-80010-R-R ASSMANN-A-MCSP-80010-R-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80020-B-R ASSMANN-A-MCSP-80020-B-R Datasheet
62Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80030-R-R ASSMANN-A-MCSP-80030-R-R Datasheet
81Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80050-R ASSMANN-A-MCSP-80050-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80050-R-R ASSMANN-A-MCSP-80050-R-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com