Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ4A Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # KBJ4A
Description  4 Amp GLASS PASS IVATED BRIDGE R ECTIFIE RS 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

KBJ4A Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  KBJ4A Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD KBJ4A Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU
KBJ4M
4 Amp
GLASS PASSIVATED
BRIDGE RECTIFIERS
KB J
Features
Maximum Ratings
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
K BJ4005
KBJ4A
50V
35V
50V
KB J401
KBJ4B
100V
70V
100V
KB J 402
KBJ4D
200V
140V
200V
KB J404
KBJ4G
400V
280V
400V
KB J406
KBJ4J
600V
420V
600V
KB J408
KBJ4K
800V
560V
800V
KB J410
KBJ4M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4.0A
TC =
100°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.0V
IFM = 2.0A per
element;
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA TA = 25°C
TC = 100
°C
50 to 1000 Volts
500
µA
Diff used Junc ti on
Low Forward Volt age Drop
High Curr ent Capabil ity
Operating Junction Temperature: -5 5
°C to + 150°C
Storage Temperature: -55
°C to +150°C
I t Rating for fusing
2
I t
2
93A S
2
(t<8.35ms)
+
++
+
----
~
~~
~
~
~~
~
A
C
D
G
H
B
N
M
L
J
I
K
O
E
F
P
KBJ4A
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.154
.161
3.90
4.10
D
.173
.189
4.40
4.80
F
.122
.134
3.10
3.40
A
.976
.992
24.80
25.20
B
.579
.602
14.70
15.30
E
.134
.150
3.40
3.80
G
.130
.146
3.30
3.70
I
.059
.075
1.50
1.90
J
.677
.700
17.20
17.80
H
.035
.043
0.90
1.10
L
.098
.114
2.50
2.90
M
.024
.031
0.60
0.80
N
.366
.381
9.30
9.70
P
.122
.134
3.10
3.40
O
.118X45
3.0X45
°
°
K
.287
.303
7.30
7.70
UL Recognized File # E165989
KI SEMICONDUCTOR
KI SEMICONDUCTOR


Similar Part No. - KBJ4A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4A WTE-KBJ4A Datasheet
50Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBJ4A GOOD-ARK-KBJ4A Datasheet
166Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Dc Components
KBJ4A DCCOM-KBJ4A Datasheet
418Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
KBJ4A SY-KBJ4A Datasheet
481Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ4A DAESAN-KBJ4A Datasheet
240Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - KBJ4A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1605CT MCC-MUR1605CT Datasheet
59Kb / 2P
   16 Amp Super Fast Glass Pass ivated Rectifier 50 to 200 Volts
KBJ4005G MCC-KBJ4005G Datasheet
395Kb / 3P
   4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJA4005 MCC-KBJA4005 Datasheet
369Kb / 3P
   4 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJL4005G MCC-KBJL4005G Datasheet
281Kb / 2P
   4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJL8005G MCC-KBJL8005G Datasheet
287Kb / 2P
   4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
MUR605FCT MCC-MUR605FCT Datasheet
455Kb / 2P
   6 Amp S uper Fast Glass Pass ivated Rectifier 50 to 600 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBP4005G MCC-KBP4005G Datasheet
325Kb / 3P
   4 Amp Bridge Rectifier 50 to 1000 Volts
MUR1630CT MCC-MUR1630CT Datasheet
59Kb / 2P
   16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com