Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF23NM50N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF23NM50N
Description  N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF23NM50N Datasheet(HTML) 5 Page - STMicroelectronics

  STF23NM50N Datasheet HTML 1Page - STMicroelectronics STF23NM50N Datasheet HTML 2Page - STMicroelectronics STF23NM50N Datasheet HTML 3Page - STMicroelectronics STF23NM50N Datasheet HTML 4Page - STMicroelectronics STF23NM50N Datasheet HTML 5Page - STMicroelectronics STF23NM50N Datasheet HTML 6Page - STMicroelectronics STF23NM50N Datasheet HTML 7Page - STMicroelectronics STF23NM50N Datasheet HTML 8Page - STMicroelectronics STF23NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STB23NM50N, STF23NM50N, STP23NM50N, STW23NM50N
Electrical characteristics
Doc ID 16913 Rev 4
5/21
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 250 V, ID = 17 A
RG =4.7 Ω VGS = 10 V
(see Figure 17)
-
6.6
19
71
29
-
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
17
68
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 17 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 17 A, di/dt = 100 A/µs
VDD = 60 V
(see Figure 22)
-
286
3700
26
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 17 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 22)
-
350
4800
27
ns
nC
A


Similar Part No. - STF23NM50N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF23NM50N ISC-STF23NM50N Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STF23NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.150 廓, 17 A MDmesh??V Power MOSFET D짼PAK, TO-220FP, TO-220, I짼PAK, TO-247
May 2011 Rev 4
STF32NM50N STMICROELECTRONICS-STF32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com