Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB137ACV Datasheet(PDF) 9 Page - STMicroelectronics

Part # PB137ACV
Description  Positive voltage regulator for battery charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137ACV Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PB137ACV Datasheet HTML 5Page - STMicroelectronics PB137ACV Datasheet HTML 6Page - STMicroelectronics PB137ACV Datasheet HTML 7Page - STMicroelectronics PB137ACV Datasheet HTML 8Page - STMicroelectronics PB137ACV Datasheet HTML 9Page - STMicroelectronics PB137ACV Datasheet HTML 10Page - STMicroelectronics PB137ACV Datasheet HTML 11Page - STMicroelectronics PB137ACV Datasheet HTML 12Page - STMicroelectronics PB137ACV Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PB137
Typical characteristics
Doc ID 6278 Rev 5
9/14
Figure 10.
Dropout voltage vs. output current
Figure 11.
Short circuit current vs. dropout
voltage
Figure 12.
Short circuit current vs.
temperature
Figure 13.
Reverse leakage current vs.
temperature
Figure 14.
Quiescent current vs. temperature
Figure 15.
Quiescent current vs. output
current


Similar Part No. - PB137ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PB137 STMICROELECTRONICS-PB137 Datasheet
80Kb / 8P
   POSITIVE VOLTAGE REGUALTOR FOR BATTERY CHARGER
PB137 STMICROELECTRONICS-PB137 Datasheet
270Kb / 8P
   POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
PB137 STMICROELECTRONICS-PB137_03 Datasheet
270Kb / 8P
   POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
More results

Similar Description - PB137ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PB137 STMICROELECTRONICS-PB137_03 Datasheet
270Kb / 8P
   POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
PB137 STMICROELECTRONICS-PB137 Datasheet
80Kb / 8P
   POSITIVE VOLTAGE REGUALTOR FOR BATTERY CHARGER
logo
Toshiba Semiconductor
TC7710AWBG TOSHIBA-TC7710AWBG Datasheet
1Mb / 56P
   IC for Battery Charger
2014-10-01
logo
Texas Instruments
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
[Old version datasheet]   Battery Charger Management and Regulator Unit
logo
ON Semiconductor
NCP1871 ONSEMI-NCP1871 Datasheet
386Kb / 27P
   Narrow Voltage DC Battery Charger
June, 2016 ??Rev. 0
logo
Advanced Analogic Techn...
AAT2557 ANALOGICTECH-AAT2557 Datasheet
556Kb / 22P
   500mA Battery Charger and 300mA LDO Regulator for Portable Systems
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com