Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2318 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # B2318
Description  Desoldering Tool
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B2318 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button B2318 Datasheet HTML 4Page - List of Unclassifed Manufacturers B2318 Datasheet HTML 5Page - List of Unclassifed Manufacturers B2318 Datasheet HTML 6Page - List of Unclassifed Manufacturers B2318 Datasheet HTML 7Page - List of Unclassifed Manufacturers B2318 Datasheet HTML 8Page - List of Unclassifed Manufacturers B2318 Datasheet HTML 9Page - List of Unclassifed Manufacturers B2318 Datasheet HTML 10Page - List of Unclassifed Manufacturers B2318 Datasheet HTML 11Page - List of Unclassifed Manufacturers B2318 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
7
4. Operation
Desoldering
After turning the power switch to ON,
wait 3 minutes before begin-
ning desoldering operations.
1 Set the temperature.
CAUTION
Always set the temperature to as low
as possible for the work being done.
• To more precisely set the temper-
ature, measure the temperature
at the nozzle using a soldering
iron thermometer and adjust the
temperature control knob accord-
ingly.
We recommend the HAKKO FG-100
thermometer or HAKKO FG-101
soldering tester for measuring the
nozzle temperature.
• The temperature control knob
can be secured by tightening the
temperature control set screw
clamp (“+” screw) at the top of the
HAKKO 475 unit.
2 Clean the tip of the nozzle.
• Keep the solder-plated section
of the nozzle a shiny white by
coating it with a small amount of
solder.
If the tip of the nozzle is coated with
oxide, the nozzleʼs heat conductivity
will be lowered.
Coating the tip with a small amount
of fresh solder ensure maximum
heat conductivity.
Lock
Unlock
Secure the temperature
control set screw clamp
with a cross point screw-
driver.
Wipe away any oxide or old solder
from the nozzle using the hole in the
center of the sponge.
The temperature can be adjusted between 380°C (716°F)
and 480°C (896°F) with temperature control knob.
Please refer to the chart below, and adjust the tempera-
ture control knob.
knob
1 and 2
3 and 4
5 and 6
P.W.B.
Single-sided P.W.B.
Through-hole P.W.B.
Multilayer P.W.B.
CAUTION
Never insert the cleaning pin
in the hole of temp. control set
screw clamp.
As this may result in damage to
the unit.


Similar Part No. - B2318

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B231001 E-SWITCH-B231001 Datasheet
147Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B231002 E-SWITCH-B231002 Datasheet
173Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B231003 E-SWITCH-B231003 Datasheet
162Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B231004 E-SWITCH-B231004 Datasheet
175Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B231005 E-SWITCH-B231005 Datasheet
157Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B2318

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
   WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
Molex Electronics Ltd.
0051317899 MOLEX1-0051317899 Datasheet
34Kb / 1P
   WXMT Micro-Desoldering Tweezers, RTW2 Tip Set, WDH 60 Stand
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com