Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFL4020-332MEB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XFL4020-332MEB
Description  XFL4020 Power Inductors, 5 values, 5 of each
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XFL4020-332MEB Datasheet(HTML) 1 Page - Coilcraft lnc.

  XFL4020-332MEB Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
19/02/13
Designer’s Kit
Kit Contents for C436:
• XFL4020 Power Inductors
• 5 values, 5 of each
Inductance
Current Rating
Part Number
1µH
5.4A
XFL4020-102MEB
1.5µH
4.6A
XFL4020-152MEB
2.2µH
3.7A
XFL4020-222MEB
3.3µH
2.9A
XFL4020-332MEB
4.7µH
2.7A
XFL4020-472MEB
Part Number Table


Similar Part No. - XFL4020-332MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL4020-332MEB COILCRAFT-XFL4020-332MEB Datasheet
194Kb / 2P
   Shielded Power Inductors XFL4020
More results

Similar Description - XFL4020-332MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFL2510-151MEB COILCRAFT-PFL2510-151MEB Datasheet
202Kb / 1P
   PFL2510 and PFL2512 Power Inductors 13 values, 5 of each
0805PS-102KLB COILCRAFT-0805PS-102KLB Datasheet
204Kb / 1P
   0805PS Power Chip Inductors 20 values, 6 of each
C324A COILCRAFT-C324A Datasheet
203Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C324A-2 COILCRAFT-C324A-2 Datasheet
204Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C439 COILCRAFT-C439 Datasheet
201Kb / 1P
   0603AF Chip Inductors, 14 values, 10 of each
LPS6225-122MLB COILCRAFT-LPS6225-122MLB Datasheet
206Kb / 1P
   Kit Contents for C349, LPS6225 Power Inductors, 28 values, 3 of each
1515SQ-47NJEB COILCRAFT-1515SQ-47NJEB Datasheet
200Kb / 1P
   1515SQ, 2222SQ, 2929SQ Air Core Inductors 16 values, 10 of each
XFL4020-472MEC COILCRAFT-XFL4020-472MEC Datasheet
194Kb / 2P
   Shielded Power Inductors XFL4020
PFL1609-471MEU COILCRAFT-PFL1609-471MEU Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
SER1590-301MLB COILCRAFT-SER1590-301MLB Datasheet
200Kb / 1P
   Kit Contents for C366, SER1590 High Current Power Inductors 9 values, 4 of each
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com