Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1069 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B1069
Description  Desoldering Tool
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1069 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B1069 Datasheet HTML 1Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 7Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 8Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2. Precautions
2
In this instruction manual, “WARNING” and “CAUTIONS” are defined as follows.
WARNING
WARNING: Misuse may potentially cause death of, or serious injury to the user.
CAUTION : Misuse may potentially cause injury to the user or physical damage
to the objects involved.
For your own safety, be sure to comply with these precautions.
CAUTION
When the power is on, the nozzle temperature is between
380°C/716°F and 480°C/ 896°F.
Since mishandling may lead to burns or fire, be sure to comply with
the following precautions.
Do not touch the metallic parts near the nozzle, nearby plastic parts and the
spring iron holder.
Do not use the product near flammable items.
Advise other people in the work area that the unit can reach a very high tem-
perature and should be considered potentially dangerous.
Turn the power off while taking breaks and when finished using the unit.
Before replacing parts or storing the unit, turn the power off and allow the unit
to cool to room temperature.
This appliance is not intended for use by persons (including children) with
reduced physical, sensory or mental capabilities, or lack of experience and
knowledge, unless they have been given supervision or instruction concerning
use of the appliance by a person responsible for their safety.
Children should be supervised to ensure that they do not play with the appli-
ance.
To prevent damage to the unit and ensure a safe working environ-
ment, be sure to comply with the following precautions.
Use clean, filtered air as the fluid. With the trigger pulled and air flowing,
adjust the pressure to between 490 to 686kPa(5.0 to 7.0kgf/cm2)
Do not use the unit for applications other than desoldering.
Do not rap the desoldering gun against the work bench to shake off residual
solder, or otherwise subject the iron to severe shocks.
Do not modify the unit.
Use only genuine HAKKO replacement parts.
Do not wet the unit or use the unit when your hands are wet.
Set the ceramic paper filter (S) for the filter retainer (station), and the ceramic
paper filter (L) for the filter pipe (gun).
Maintain the desoldering gun and the station.
While using the unit, donʼt do anything which may cause bodily harm or physi-
cal damage.


Similar Part No. - B1069

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
B1063 PANASONIC-B1063 Datasheet
67Kb / 1P
   High Power Amplifier Complementary Pair with 2SD1499
B1063 PANASONIC-B1063 Datasheet
73Kb / 3P
   For High Power Amplification
logo
Pulse A Technitrol Comp...
B1063 PULSE-B1063 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
logo
Systemsensor advanced i...
B106B SYSTEMSENSOR-B106B Datasheet
481Kb / 2P
   SMOKE DETECTORS
B106BR SYSTEMSENSOR-B106BR Datasheet
481Kb / 2P
   SMOKE DETECTORS
More results

Similar Description - B1069

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
   WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
Molex Electronics Ltd.
0051317899 MOLEX1-0051317899 Datasheet
34Kb / 1P
   WXMT Micro-Desoldering Tweezers, RTW2 Tip Set, WDH 60 Stand
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com