Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1028 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # B1028
Description  Desoldering Tool
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1028 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button B1028 Datasheet HTML 7Page - List of Unclassifed Manufacturers B1028 Datasheet HTML 8Page - List of Unclassifed Manufacturers B1028 Datasheet HTML 9Page - List of Unclassifed Manufacturers B1028 Datasheet HTML 10Page - List of Unclassifed Manufacturers B1028 Datasheet HTML 11Page - List of Unclassifed Manufacturers B1028 Datasheet HTML 12Page - List of Unclassifed Manufacturers B1028 Datasheet HTML 13Page - List of Unclassifed Manufacturers B1028 Datasheet HTML 14Page - List of Unclassifed Manufacturers B1028 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
10
Problems during Desoldering
A. The solder in the junction is
not sufficiently melted.
B. Suction power is dropping.
Post-operation Maintenance
To ensure a long service life, always
perform the following maintenance
procedures immediately after using
the HAKKO 475 unit.
A. The solder in the junction is not sufficiently melted.
Temperature is not high enough
The following parts require a greater heat capacity to desol-
der.
• Multilayer P.W.B.s, power supplies, ground planes in
through-hole P.W.B.s, high-capacity transistors, triacs
with heat radiation fins, tuner P.W.B. ground wires, and
large-scale transformer terminals.
Use a preheating oven or heating gun to heat the P.W.B. to a
temperature that wonʼt damage the board or its components
[between 70°C (160°F) and 80°C (180°F)], then desolder. Do
not increase the temperature of the gun by recalibration as this
may damage the P.W.B. and its components.
Nozzle is worn out.
• When the nozzle begins to wear out, the heating effi-
ciency begins to decline. Check the nozzle. If the solder
plating is damaged, or the nozzle is eroded, replace the
nozzle. (refer to p.12)
B. Suction power is dropping.
• Replace the filters, and clean the nozzle and the inside of
the heating element, (refer to p.12 to p.16, Maintenance
of Desoldering Gun and Station)
Air is leaking from the vacuum system.
Air leakage cannot be determined from the indicator.
Check the air-tightness of the following parts and replace
any that are worn.
Remove all solder from the inside of the nozzle and heat-
ing element.
Clean the tip of the nozzle with the cleaning sponge,
then coat the tip with a fresh layer of solder to protect the
solder plating.
a. Contact point of the nozzle
and heating element
b. Front holder and nearby
parts
c. O-ring in the back holder
d. Hose
e. Vacuum outlet cap
f. Packing and nearby parts
The air pressure is low.
Check the air pressure and connections. (refer to p.6)


Similar Part No. - B1028

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B1028 PULSE-B1028 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
logo
MicroPower Direct, LLC
B1028RW MPD-B1028RW Datasheet
74Kb / 2P
   Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1028RW MPD-B1028RW Datasheet
187Kb / 2P
   B1000RW SERIES
More results

Similar Description - B1028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
   WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
Molex Electronics Ltd.
0051317899 MOLEX1-0051317899 Datasheet
34Kb / 1P
   WXMT Micro-Desoldering Tweezers, RTW2 Tip Set, WDH 60 Stand
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com