Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2069 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B2069
Description  Desoldering Tool
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B2069 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button B2069 Datasheet HTML 3Page - List of Unclassifed Manufacturers B2069 Datasheet HTML 4Page - List of Unclassifed Manufacturers B2069 Datasheet HTML 5Page - List of Unclassifed Manufacturers B2069 Datasheet HTML 6Page - List of Unclassifed Manufacturers B2069 Datasheet HTML 7Page - List of Unclassifed Manufacturers B2069 Datasheet HTML 8Page - List of Unclassifed Manufacturers B2069 Datasheet HTML 9Page - List of Unclassifed Manufacturers B2069 Datasheet HTML 10Page - List of Unclassifed Manufacturers B2069 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5 Power switch
• Confirm that the power switch is
set in the OFF position, then con-
nect the power plug to the power
source.
CAUTION
The entire unit is constructed of con-
ductive materials. Always ground the
unit.
• Turn the power switch to ON.
The power lamp should light up.
• The nozzle begins to heat up
as soon as the power switch is
turned to ON.
6 After turning the power
switch to ON, wait 3
minutes before beginning
desoldering operations.
6
The power lamp doesnʼt light
up.
1. Is the power cord properly con-
nected?
2. Is the fuse blown?
The nozzle doesnʼt heat up.
1. Is the cord assembly properly
connected?
2. Is the heating element broken?
The power lamp
lights up.
The nozzle heats up.
CAUTION : The desoldering gun must be placed in the
iron holder when not in use.
4 Connect to the compresser.
• Use filtered air without any dust,
oil and moisture.
• With the trigger pulled and air
flowing, adjust the regulator air
pressure to 490kPa(5.0kgf/cm2).
The absorption power of the unit will
be reduced if adjustment is made
while air is not flowing or if the tube is
not measured as specified.
Do not set the regulator to pressure
of 882kPa (9kgf/cm
2) or more while
the trigger is not pulled, as such
pressures can damage various parts
of the HAKKO 475 station.
CAUTION
Connections
Station
Male Connector:
pipe thread 1/8
Compressor
Regulator:
adjust to
490kPa
(5.0kgf/cm
2)
Air Filter:
filter out dust,
oil and moisture.
Tubing:
must have a diameter of more
than ø0.17 in. and a length of
less than 9.5 ft.
CAUTION
Use the air filter. Dust, oil and
moisture can adhere to
the solenoid valve in the pipe
without it. This may result in
damage to the unit.


Similar Part No. - B2069

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
B2060G THINKISEMI-B2060G Datasheet
778Kb / 2P
   20.0 Ampere Surface Mount Dual Common Cathode Schottky Barrier Rectifiers
logo
Pulse A Technitrol Comp...
B2061 PULSE-B2061 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
B2062 PULSE-B2062 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
logo
Okaya Electric America,...
B2068 OKAYA-B2068 Datasheet
163Kb / 2P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - B2069

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
   DESOLDERING BRAID
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
   MFR-1300 Desoldering System
logo
Aven, Inc.
17502 AVEN-17502 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 7pc
17501 AVEN-17501 Datasheet
668Kb / 1P
   Soldering/Desoldering Kit - 6pc
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
   WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
Molex Electronics Ltd.
0051317899 MOLEX1-0051317899 Datasheet
34Kb / 1P
   WXMT Micro-Desoldering Tweezers, RTW2 Tip Set, WDH 60 Stand
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com