Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS193 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LS193
Description  Synchronous 4-Bit Binary Counter with Dual Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LS193 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LS193 Datasheet HTML 1Page - Fairchild Semiconductor 74LS193 Datasheet HTML 2Page - Fairchild Semiconductor 74LS193 Datasheet HTML 3Page - Fairchild Semiconductor 74LS193 Datasheet HTML 4Page - Fairchild Semiconductor 74LS193 Datasheet HTML 5Page - Fairchild Semiconductor 74LS193 Datasheet HTML 6Page - Fairchild Semiconductor 74LS193 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
MinMax
MinMax
fMAX
Maximum Clock Frequency
25
20
MHz
tPLH
Propagation Delay Time
Count Up
26
30
ns
LOW-to-HIGH Level Output
to Carry
tPHL
Propagation Delay Time
Count Up
24
36
ns
HIGH-to-LOW Level Output
to Carry
tPLH
Propagation Delay Time
Count Down
24
29
ns
LOW-to-HIGH Level Output
to Borrow
tPHL
Propagation Delay Time
Count Down
24
32
ns
HIGH-to-LOW Level Output
to Borrow
tPLH
Propagation Delay Time
Either Count
38
45
ns
LOW-to-HIGH Level Output
to Any Q
tPHL
Propagation Delay Time
Either Count
47
54
ns
HIGH-to-LOW Level Output
to Any Q
tPLH
Propagation Delay Time
Load to
40
41
ns
LOW-to-HIGH Level Output
Any Q
tPHL
Propagation Delay Time
Load to
40
47
ns
HIGH-to-LOW Level Output
Any Q
tPHL
Propagation Delay Time
Clear to
35
44
ns
HIGH-to-LOW Level Output
Any Q


Similar Part No. - 74LS193

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS193 MOTOROLA-74LS193 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Hitachi Semiconductor
74LS193 HITACHI-74LS193 Datasheet
104Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
More results

Similar Description - 74LS193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
   Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
logo
NXP Semiconductors
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
logo
NXP Semiconductors
74HC4520PW PHILIPS-74HC4520PW Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
226Kb / 13P
   Dual 4-bit synchronous binary counter
logo
NXP Semiconductors
74HC4520 PHILIPS-74HC4520 Datasheet
55Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520DB PHILIPS-74HC4520DB Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520D NXP-74HC4520D Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Texas Instruments
SN74F193A TI-SN74F193A Datasheet
275Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER WITH DUAL CLOCK AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com