Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60000S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 60000S
Description  CIRCUIT PROTECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

60000S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  60000S Datasheet HTML 1Page - List of Unclassifed Manufacturers 60000S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MK Electric - Print Item Information
ITEM NUMBER: 5504S
CIRCUIT PROTECTION
SENTRY
ENCLOSURES IP30 ENCLOSURE
CARTON QUANTITY: 1
5504s
Metal
With mounting rail,
earth terminals and
moulded front plate
Four module
These enclosures will accommodate two or four
module Sentry RCDs or a combination of Sentry
modules, excluding contactors.
Dimensions:
5504s: 188 x 121 x 74mm
(width x height x depth)
Degree of Protection to
BS EN 60529: 1992
5504s: IP30
Precautions must be taken to maintain the IP rating.
eg. correct use of cable glands and knockouts
Click here to view the Honeywell privacy statement
Site designed & developed by viplondon
http://www.mkelectric.co.uk/products/print.asp?rangeid=1051&itemid=671208/02/2007 13:15:08


Similar Part No. - 60000S

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
60000214 SCHURTER-60000214 Datasheet
82Kb / 1P
   APPLIANCE COUPLERS
More results

Similar Description - 60000S

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9101403500 WEIDMULLER-9101403500 Datasheet
503Kb / 2P
   Circuit Protection Circuit Break ers
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
logo
AMETHERM Circuit Protec...
SL1810005 AMETHERM-SL1810005 Datasheet
173Kb / 1P
   Circuit Protection Thermistors
NT0526291 AMETHERM-NT0526291 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0530169 AMETHERM-NT0530169 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0550052 AMETHERM-NT0550052 Datasheet
76Kb / 2P
   Circuit Protection Thermistors
NT0550291 AMETHERM-NT0550291 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
MS325R020 AMETHERM-MS325R020 Datasheet
153Kb / 1P
   Circuit Protection Thermistors
SL1015002 AMETHERM-SL1015002 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com