Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74LS193M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74LS193M
Description  Synchronous 4-Bit Binary Counter with Dual Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS193M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74LS193M Datasheet HTML 1Page - Fairchild Semiconductor DM74LS193M Datasheet HTML 2Page - Fairchild Semiconductor DM74LS193M Datasheet HTML 3Page - Fairchild Semiconductor DM74LS193M Datasheet HTML 4Page - Fairchild Semiconductor DM74LS193M Datasheet HTML 5Page - Fairchild Semiconductor DM74LS193M Datasheet HTML 6Page - Fairchild Semiconductor DM74LS193M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: CL = 15 pF, RL = 2 kΩ, IA = 25°C and VCC = 5V.
Note 3: CL = 50 pF, RL = 2 kΩ, IA = 25°C and VCC = 5V.
Note 4: TA = 25°C and VCC = 5V.
DC Electrical Characteristics
Note 5: All typicals are at VCC = 5V, TA = 25°C.
Note 6: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 7: ICC is measured with all outputs open, CLEAR and LOAD inputs grounded, and all other inputs at 4.5V.
Operating Free Air Temperature Range
−0°C to +70°C
Supply Voltage
7V
Input Voltage
7V
Storage Temperature Range
−65°C to +125°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency (Note 2)
0
25
MHz
Clock Frequency (Note 3)
tW
Pulse Width of any Input (Note 4)
20
ns
tSU
Data Setup Time (Note 4)
20
ns
tH
Data Hold Time (Note 4)
0
ns
tEN
Enable Time to Clock (Note 4)
40
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 5)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level Output
VCC = Min, IOH = Max
2.5
3.4
V
Voltage
VIL = Max, VIH = Min
2.7
3.4
VOL
LOW Level Output
VCC = Min, IOL = Max
0.25
0.4
Voltage
VIL = Max, VIH = Min
0.35
0.5
V
IOL = 4mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
IOS
Short Circuit
VCC = Max
−20
−100
mA
Output Current
(Note 6)
−20
−100
ICC
Supply Current
VCC = Max (Note 7)
19
34
mA


Similar Part No. - DM74LS193M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS190 NSC-DM74LS190 Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
DM74LS190M NSC-DM74LS190M Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
DM74LS190N NSC-DM74LS190N Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
logo
Fairchild Semiconductor
DM74LS191 FAIRCHILD-DM74LS191 Datasheet
72Kb / 6P
   Synchronous 4-Bit Up/Down Counter with Mode Control
logo
National Semiconductor ...
DM74LS191 NSC-DM74LS191 Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
More results

Similar Description - DM74LS193M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
   Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
logo
NXP Semiconductors
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
logo
NXP Semiconductors
74HC4520PW PHILIPS-74HC4520PW Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
226Kb / 13P
   Dual 4-bit synchronous binary counter
logo
NXP Semiconductors
74HC4520 PHILIPS-74HC4520 Datasheet
55Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520DB PHILIPS-74HC4520DB Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520D NXP-74HC4520D Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Texas Instruments
SN74F193A TI-SN74F193A Datasheet
275Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER WITH DUAL CLOCK AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com