Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G66AMUTCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLX2G66AMUTCG
Description  Dual Bilateral Analog Switch / Digital Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G66AMUTCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLX2G66AMUTCG Datasheet HTML 3Page - ON Semiconductor NLX2G66AMUTCG Datasheet HTML 4Page - ON Semiconductor NLX2G66AMUTCG Datasheet HTML 5Page - ON Semiconductor NLX2G66AMUTCG Datasheet HTML 6Page - ON Semiconductor NLX2G66AMUTCG Datasheet HTML 7Page - ON Semiconductor NLX2G66AMUTCG Datasheet HTML 8Page - ON Semiconductor NLX2G66AMUTCG Datasheet HTML 9Page - ON Semiconductor NLX2G66AMUTCG Datasheet HTML 10Page - ON Semiconductor NLX2G66AMUTCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NLX2G66
http://onsemi.com
7
Figure 8. Maximum On−Channel Bandwidth
Test Set−Up
Figure 9. Off−Channel Feedthrough Isolation
Test Set−Up
Figure 10. Crosstalk (between Switches)
Figure 11. Feedthrough Noise, ON/OFF Control
to Analog Out, Test Set−Up
VCC
*Includes all probe and jig capacitance.
dB
Meter
0.1
mF
VOS
fin
VCC
*Includes all probe and jig capacitance.
dB
Meter
0.1
mF
VOS
fin
RL
VIS
VCC
*Includes all probe and jig capacitance.
VOS
(VCC)/2
IS
RL
RL
GND
VCC
VIN v 1MHz
tr + tf + 2ns
GND
VCC
GND
VCC
GND
VCC


Similar Part No. - NLX2G66AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66 Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
NLX2G66DMUTAG ONSEMI-NLX2G66DMUTAG Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
NLX2G66DMUTCG ONSEMI-NLX2G66DMUTCG Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
NLX2G66FCTAG ONSEMI-NLX2G66FCTAG Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
NLX2G66MU3TCG ONSEMI-NLX2G66MU3TCG Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
More results

Similar Description - NLX2G66AMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66_16 Datasheet
113Kb / 11P
   Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66_15 Datasheet
297Kb / 10P
   DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com