Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB1608G52 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KB1608G52
Description  Cellular Phone Key Pad Back Light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KB1608G52 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KB1608G52 Datasheet HTML 1Page - KODENSHI_AUK CORP. KB1608G52 Datasheet HTML 2Page - KODENSHI_AUK CORP. KB1608G52 Datasheet HTML 3Page - KODENSHI_AUK CORP. KB1608G52 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AUK CORP.
KB1608G52 (KLB-16G)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
1. Descriptions
The KB1608G52 (KLB-16G) is a ultra small and thin form package white LED and it's ideal
for cellular phone key pad back light, for devices of display modules and for indicators
of various electrical appliances.
2. Features
◆ Small Footprint Surface Mount Package ( 1.6 L × 0.8 W × 0.4 H [mm])
◆ Forward Voltage(VF) from 2.6 to 3.4V @ Forward Current(IF)=10mA
◆ Operation Temperature from -30℃ to +85℃
◆ High Electric Static Discharge(ESD) Voltage above than 1,000V for HBM
◆ High Luminous Intensity(IV) is typical 250mcd @ IF=10mA
3. Application
◆ Cellular Phone Key Pad Back Light
◆ Indoor Display Modules
◆ Indicators for Electrical Appliances


Similar Part No. - KB1608G52

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB1608B46 KODENSHI-KB1608B46 Datasheet
177Kb / 4P
   ultra small and thin form package white LED
KB1608CW KODENSHI-KB1608CW Datasheet
512Kb / 5P
   Cellular Phone Key Pad Back Light
KB1608R62 KODENSHI-KB1608R62 Datasheet
192Kb / 4P
   Cellular Phone Key Pad Back Light
KB1608W00 KODENSHI-KB1608W00 Datasheet
210Kb / 5P
   The KB1608W00 (KLB-16W) is a ultra small and thin form package white LED...
KB1608Y58 KODENSHI-KB1608Y58 Datasheet
178Kb / 4P
   The KB1608Y58(KLB-16Y) is a ultra small and thin form package
More results

Similar Description - KB1608G52

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB1608CW KODENSHI-KB1608CW Datasheet
512Kb / 5P
   Cellular Phone Key Pad Back Light
KB1608R62 KODENSHI-KB1608R62 Datasheet
192Kb / 4P
   Cellular Phone Key Pad Back Light
logo
Shenzhen Huazhimei Semi...
HM6540 HMSEMI-HM6540 Datasheet
1Mb / 11P
   CELLULAR PHONE LCD BACKLIGHT
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU8899GU ROHM-BU8899GU Datasheet
388Kb / 6P
   Sound Generator for cellular phone
logo
Texas Instruments
LP3923 TI1-LP3923_15 Datasheet
1Mb / 37P
[Old version datasheet]   Cellular Phone Power Management Unit
logo
Seoul Semiconductor
FCW100 SEOUL-FCW100 Datasheet
284Kb / 12P
   Cellular phone?셲 Flash lighting
logo
TOKO, Inc
D310F TOKO-D310F Datasheet
102Kb / 1P
   Fixed Inductors for Cellular Phone
DJ515C TOKO-DJ515C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
D412F TOKO-D412F Datasheet
101Kb / 1P
   Fixed Inductors for Cellular Phone
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com