Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25667C4387A375 Datasheet(PDF) 3 Page - EPCOS

Part # B25667C4387A375
Description  PhaseCap Premium capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25667C4387A375 Datasheet(HTML) 3 Page - EPCOS

  B25667C4387A375 Datasheet HTML 1Page - EPCOS B25667C4387A375 Datasheet HTML 2Page - EPCOS B25667C4387A375 Datasheet HTML 3Page - EPCOS B25667C4387A375 Datasheet HTML 4Page - EPCOS B25667C4387A375 Datasheet HTML 5Page - EPCOS B25667C4387A375 Datasheet HTML 6Page - EPCOS B25667C4387A375 Datasheet HTML 7Page - EPCOS B25667C4387A375 Datasheet HTML 8Page - EPCOS B25667C4387A375 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Film Capacitors – Power Factor Correction
B25667C4387A375
PhaseCap Premium capacitors
MKK415-D-20.8-01
FILM PFC PM
January 2011
Please read Cautions and warnings and
Page 3 of 10
Important notes at the end of this document
.
Technical data and specifications
Maximum ratings
Vmax (up to 8 h daily)
460 V AC
Vmax (up to 1 min)
540 V AC
Imax
Up to 1.3 × IR (A) including combined effects of harmonics,
overvoltages and capacitance tolerance
IS
300 × IR (A)
VTC imp
8 000 Vpk (Standard 1.2/50
s impulse)
Test data
VTT
900 V AC / 50 Hz during 10 s
VTC
3 000 V AC / 50 Hz during 10 s
*tan δ (50 Hz)
≤ 0.7 W / kvar
* Without discharge resistor
Characteristics
MKK415-D-20.8-01
Rated capacitance CN
3 × 128.2 µF
Tolerance
–5 / +10%
Connection
D (Delta)
Rated voltage VN
415 V AC
Rated frequency fR
50 Hz
60 Hz
Output
20.8 kvar
25.0 kvar
Rated current IR
29 A
35 A
tan δ0 (dielectric)
0.2 W / kvar
WN
66 Ws
RS
4.14 m
Ris × C
30 000 s
Design data
Dimensions (d x h)
116 x 200 mm
Weight approx.
1.7 kg
Impregnation
Non-PCB, dry, inert gas
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Any mounting position possible.
See “Maintenance and Installation Manual” for further details.


Similar Part No. - B25667C4387A375

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C4387A375 TDK-B25667C4387A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
More results

Similar Description - B25667C4387A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
141Kb / 3P
   PhaseCap Premium capacitors
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
139Kb / 3P
   PhaseCap Premium capacitors
B25667C2507A175 EPCOS-B25667C2507A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
B25667C3297A375 EPCOS-B25667C3297A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C3397A375 EPCOS-B25667C3397A375 Datasheet
132Kb / 10P
   PhaseCap Premium capacitors
B25667C4277A375 EPCOS-B25667C4277A375 Datasheet
357Kb / 10P
   PhaseCap Premium capacitors
B25667C4287A375 EPCOS-B25667C4287A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A365 EPCOS-B25667C4417A365 Datasheet
139Kb / 10P
   PhaseCap Premium capacitors
B25667C4417A375 EPCOS-B25667C4417A375 Datasheet
133Kb / 10P
   PhaseCap Premium capacitors
B25667C4866A375 EPCOS-B25667C4866A375 Datasheet
136Kb / 10P
   PhaseCap Premium capacitors
B25667C5217A175 EPCOS-B25667C5217A175 Datasheet
142Kb / 10P
   PhaseCap Premium capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com