Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74LS109AM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74LS109AM
Description  Dual Positive-Edge-Triggered J-K Flip-Flop with Preset, Clear, and Complementary Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS109AM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74LS109AM Datasheet HTML 1Page - Fairchild Semiconductor DM74LS109AM Datasheet HTML 2Page - Fairchild Semiconductor DM74LS109AM Datasheet HTML 3Page - Fairchild Semiconductor DM74LS109AM Datasheet HTML 4Page - Fairchild Semiconductor DM74LS109AM Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006368
www.fairchildsemi.com
June 1986
Revised March 2000
DM74LS109A
Dual Positive-Edge-Triggered J-K Flip-Flop with
Preset, Clear, and Complementary Outputs
General Description
This device contains two independent positive-edge-trig-
gered J-K flip-flops with complementary outputs. The J and
K data is accepted by the flip-flop on the rising edge of the
clock pulse. The triggering occurs at a voltage level and is
not directly related to the transition time of the rising edge
of the clock. The data on the J and K inputs may be
changed while the clock is HIGH or LOW as long as setup
and hold times are not violated. A low logic level on the
preset or clear inputs will set or reset the outputs regard-
less of the logic levels of the other inputs.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Either LOW or HIGH Logic Level
↑ = Rising Edge of Pulse
Q0 = The output logic level of Q before the indicated input conditions were
established.
Toggle
= Each output changes to the complement of its previous level on
each active transition of the clock pulse.
Note 1: This configuration is nonstable; that is, it will not persist when pre-
set and/or clear inputs return to their inactive (HIGH) state.
Order Number
Package Number
Package Description
DM74LS109AM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS109AN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Outputs
PR
CLR
CLK
J
K
QQ
LH
X
X
X
H
L
HL
X
X
X
L
H
L
L
X
X
X
H (Note 1) H (Note 1)
HH
LL
L
H
HH
H
L
Toggle
HH
LH
Q0
Q0
HH
HH
H
L
HH
L
X
X
Q0
Q0


Similar Part No. - DM74LS109AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS109AM NSC-DM74LS109AM Datasheet
135Kb / 6P
   Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
More results

Similar Description - DM74LS109AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS109 NSC-54LS109 Datasheet
135Kb / 6P
   Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS112A FAIRCHILD-DM74LS112A Datasheet
52Kb / 5P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flop with Preset, Clear, and Complementary Outputs
DM74S112 FAIRCHILD-DM74S112 Datasheet
43Kb / 4P
   Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flop with Preset, Clear, and Complementary Outputs
logo
Potato Semiconductor Co...
PO74G112A POTATO-PO74G112A Datasheet
584Kb / 6P
   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PO74G112A POTATO-PO74G112A_14 Datasheet
1Mb / 6P
   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74F112 TI-SN74F112 Datasheet
73Kb / 5P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI-SN74LVC112A Datasheet
292Kb / 13P
[Old version datasheet]   DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
CD54ACT109 TI-CD54ACT109_08 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com