Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DM74LS09 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. DM74LS09
Description  Quad 2-Input AND Gates with Open-Collector Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
ICEX
HIGH Level
VCC = Min, VO = 5.5V
100
µA
Output Current
VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.36
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
2.4
4.8
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
4.4
8.8
mA
RL = 2 kΩ
Symbol
Parameter
CL = 15 pF
CL = 50 pF
Units
MinMax
MinMax
tPLH
Propagation Delay Time
5
20
8
45
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
4
15
6
27
ns
HIGH-to-LOW Level Output




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
5409Quad 2-Input AND Gates with Open-Collector Outputs 1 2 3 4 National Semiconductor (TI)
54LS09QUAD 2-INPUT AND GATES WITH OPEN-COLLECTOR OUTPUTS 1 2 National Semiconductor (TI)
DM74S09Quad 2-Input AND Gates with Open-Collector Outputs 1 2 3 4 National Semiconductor (TI)
DM7401Quad 2-Input NAND Gates with Open-Collector Outputs 1 2 3 4 National Semiconductor (TI)
DM5403Quad 2-Input NAND Gates with Open-Collector Outputs 1 2 3 4 National Semiconductor (TI)
DM74LS03Quad 2-Input NAND Gates with Open-Collector Outputs 1 2 3 4 Fairchild Semiconductor
DM7403Quad 2-Input NAND Gates with Open-Collector Outputs 1 2 3 Fairchild Semiconductor
DM7426Quad 2-Input NAND Gates with High Voltage Open-Collector Outputs 1 2 3 Fairchild Semiconductor
TC74LCX32FLOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl