Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMER150-CAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMER150-CAZ
Description  up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER150-CAZ Datasheet(HTML) 1 Page - AIMTEC

  AMER150-CAZ_13 Datasheet HTML 1Page - AIMTEC AMER150-CAZ_13 Datasheet HTML 2Page - AIMTEC AMER150-CAZ_13 Datasheet HTML 3Page - AIMTEC AMER150-CAZ_13 Datasheet HTML 4Page - AIMTEC AMER150-CAZ_13 Datasheet HTML 5Page - AIMTEC AMER150-CAZ_13 Datasheet HTML 6Page - AIMTEC AMER150-CAZ_13 Datasheet HTML 7Page - AIMTEC AMER150-CAZ_13 Datasheet HTML 8Page - AIMTEC AMER150-CAZ_13 Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series AMER150-CAZ
up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.E
1 of 10
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
Output
Current
(A)
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
AMER150-50300CAZ
150
36-50
0-3
90-305/47-440
120-430
Constant Current
91
Constant Voltage
90
AMER150-36420CAZ
150
24-36
0-4.16
90-305/47-440
120-430
Constant Current
90
Constant Voltage
88
AMER150-24630CAZ
151.2
12-24
0-6.3
90-305/47-440
120-430
Constant Current
89
Constant Voltage
87
Add Suffix “-F” No dimming option
Exceedingthemaximumoutputpowerwillpermanentlydamagetheconverter.
ThedimmingfeatureisnotsupportedwhenunitsareusedinConstantVoltagemodeonly,Aimtecsuggeststoorder“-F”Nodimming
option in this case.
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
50
A
230VAC
75
Leakage current
115VAC
0.75
mA
230VAC
1
AC current
115VAC
2.2
A
230VAC
0.7
Power Factor
115VAC
0.98
230VAC
0.94
External fuse
250V/3.5A
Start up time
900
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise
20MHz Bandwidth
100
mV p-p
Hold-up time (min)
45
ms
Current adjustment range
100-0
%
Minimum Load Voltage
See the models table
Testedwith0.1µF(C/C)or(M/C)and47µF(E/C)parallelcapacitorsattheend.
Constant Current or Constant Voltage LED
Driver or Converter
Over Voltage Protection
Over Current Protection
Input range 90-305VAC/47-440Hz
Waterproof Case rated IP68
High Efficiency up to 91%
Power Factor Correction
115VAC Operating temperature -50 to 80°C
230VAC Operating temperature -55 to 80°C
Dimmable via analog / 0-10V dimming
Short Circuit Protection


Similar Part No. - AMER150-CAZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results

Similar Description - AMER150-CAZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-50300AZ AIMTEC-AMER150-50300AZ_17 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_12 Datasheet
756Kb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-CAZ AIMTEC-AMER150-CAZ Datasheet
708Kb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ Datasheet
922Kb / 9P
   up to 6.3A | AC-DC LED driver
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER90-CAZ AIMTEC-AMER90-CAZ Datasheet
711Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com