Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR15D-AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEPR15D-AZ
Description  up to 1A | AC-DC / DC-DC LED driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR15D-AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEPR15D-AZ_13 Datasheet HTML 1Page - AIMTEC AMEPR15D-AZ_13 Datasheet HTML 2Page - AIMTEC AMEPR15D-AZ_13 Datasheet HTML 3Page - AIMTEC AMEPR15D-AZ_13 Datasheet HTML 4Page - AIMTEC AMEPR15D-AZ_13 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMEPR15D-AZ
up to 1A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.H
1 of 5
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
No Load
Output
Voltage
(V max.)
Output
Current
(A)
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Efficiency
(%)
AMEPR15D-5030AZ+Suffix
15
36-50
62
0.3
90-264/47-440
120-370
83
AMEPR15D-4835AZ+Suffix
15.8
30-48
62
0.35
90-264/47-440
120-370
83
AMEPR15D-3650AZ+Suffix
18
24-36
52
0.5
90-264/47-440
120-370
82
AMEPR15D-2470AZ+Suffix
16.8
12-24
34
0.7
90-264/47-440
120-370
81
AMEPR15D-15100AZ+Suffix
15
8-15
23
1
90-264/47-440
120-370
80
Exceedingthemaximumoutputpowerwillpermanentlydamagetheconverter
ModelNomenclatureforOrdering:
Add Suffix “-UD”
Universal AC input 90-264VAC(no TRIAC dimming with this option),IP20
Add Suffix “-UW”
Universal AC input 90-264VAC(no TRIAC dimming with this option),IP67
Add Suffix “-110D”
AC input 90-135VAC, IP20
Add Suffix “-220D”
AC input 180-264VAC, IP20
Add Suffix “-110W”
AC input 90-135VAC, IP67
Add Suffix “-220W”
AC input 180-264VAC, IP67
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
10
A
230VAC
20
Leakage current
115VAC
0.2
mA
230VAC
0.25
AC current
115VAC
0.23
A
230VAC
0.1
Power Factor
115VAC
0.9
230VAC
0.9
External fuse
250V/1A
Start up time
200
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±5
%
Line regulation
LL-HL
±7
%
Load regulation
0-100% load
±5
%
Ripple & Noise
20MHz Bandwidth
1
V p-p
Hold-up time
1
ms
Minimum Load Voltage
See the models table
Testedwith0.1µF(M/C)or(C/C)and47µF(E/C)parallelcapacitorsattheend.
AC-DC or DC-DC Constant current LED Driver • Over Temperature Protection
Input range 90-264VAC/47-440Hz
IP20 or IP67 Case
High Efficiency up to 83%
Active PFC with TRIAC dimmable
Operating temperature -20 to 80°C
Total Harmonic Distortion < 20%
SCP, Over Load Protection
Leading or Trailing Edge Triac


Similar Part No. - AMEPR15D-AZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_16 Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
More results

Similar Description - AMEPR15D-AZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_16 Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR15D-5030AZUD AIMTEC-AMEPR15D-5030AZUD Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com