Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C550CFNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C550CFNR
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C550CFNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL16C550CFNR Datasheet HTML 6Page - Texas Instruments TL16C550CFNR Datasheet HTML 7Page - Texas Instruments TL16C550CFNR Datasheet HTML 8Page - Texas Instruments TL16C550CFNR Datasheet HTML 9Page - Texas Instruments TL16C550CFNR Datasheet HTML 10Page - Texas Instruments TL16C550CFNR Datasheet HTML 11Page - Texas Instruments TL16C550CFNR Datasheet HTML 12Page - Texas Instruments TL16C550CFNR Datasheet HTML 13Page - Texas Instruments TL16C550CFNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
TL16C550C, TL16C550CI
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH AUTOFLOW CONTROL
SLLS177H − MARCH 1994 − REVISED JANUARY 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
system timing requirements over recommended ranges of supply voltage and operating free-air
temperature
ALT. SYMBOL
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
tcR
Cycle time, read (tw7 + td8 + td9)
RC
87
ns
tcW
Cycle time, write (tw6 + td5 + td6)
WC
87
ns
tw1
Pulse duration, clock high
tXH
5
f = 16 MHz Max,
V
= 5 V
25
ns
tw2
Pulse duration, clock low
tXL
5
f = 16 MHz Max,
VCC = 5 V
25
ns
tw5
Pulse duration, ADS low
tADS
6, 7
9
ns
tw6
Pulse duration, WR
tWR
6
40
ns
tw7
Pulse duration, RD
tRD
7
40
ns
tw8
Pulse duration, MR
tMR
1
µs
tsu1
Setup time, address valid before ADS
tAS
6, 7
8
ns
tsu2
Setup time, CS valid before ADS
tCS
6, 7
8
ns
tsu3
Setup time, data valid before WR1
↑ or WR2↓
tDS
6
15
ns
tsu4
Setup time, CTS
↑ before midpoint of stop bit
17
10
ns
th1
Hold time, address low after ADS
tAH
6, 7
0
ns
th2
Hold time, CS valid after ADS
tCH
6, 7
0
ns
th3
Hold time, CS valid after WR1
↑ or WR2↓
tWCS
6
10
ns
th4
Hold time, address valid after WR1
↑ or WR2↓
tWA
6
10
ns
th5
Hold time, data valid after WR1
↑ or WR2↓
tDH
6
5
ns
th6
Hold time, chip select valid after RD1
↑ or RD2↓
tRCS
7
10
ns
th7
Hold time, address valid after RD1
↑ or RD2↓
tRA
7
20
ns
td4†
Delay time, CS valid before WR1
↓ or WR2↑
tCSW
6
7
ns
td5†
Delay time, address valid before WR1
↓ or WR2↑
tAW
6
7
ns
td6†
Delay time, write cycle, WR1
↑ or WR2↓ to ADS↓
tWC
6
40
ns
td7†
Delay time, CS valid to RD1
↓ or RD2↑
tCSR
7
7
ns
td8†
Delay time, address valid to RD1
↓ or RD2↑
tAR
7
7
ns
td9
Delay time, read cycle, RD1
↑ or RD2↓ to ADS↓
tRC
7
40
ns
td10
Delay time, RD1
↓ or RD2↑ to data valid
tRVD
7
CL = 75 pF
45
ns
td11
Delay time, RD1
↑ or RD2↓ to floating data
tHZ
7
CL = 75 pF
20
ns
† Only applies when ADS is low
system switching characteristics over recommended ranges of supply voltage and operating
free-air temperature (see Note 7)
PARAMETER
ALT. SYMBOL
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
tdis(R) Disable time, RD1↓↑ or RD2↑↓ to DDIS↑↓
tRDD
7
CL = 75 pF
20
ns
NOTE 7: Charge and discharge times are determined by VOL, VOH, and external loading.
baud generator switching characteristics over recommended ranges of supply voltage and
operating free-air temperature, CL = 75 pF
PARAMETER
ALT. SYMBOL
FIGURE
TEST CONDITIONS
MIN
MAX
UNIT
tw3
Pulse duration, BAUDOUT low
tLW
5
f = 16 MHz, CLK
÷ 2,
V
= 5 V
50
ns
tw4
Pulse duration, BAUDOUT high
tHW
5
f = 16 MHz, CLK
÷ 2,
VCC = 5 V
50
ns
td1
Delay time, XIN
↑ to BAUDOUT↑
tBLD
5
45
ns
td2
Delay time, XIN
↑↓ to BAUDOUT↓
tBHD
5
45
ns


Similar Part No. - TL16C550CFNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550CI TI-TL16C550CI Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

Similar Description - TL16C550CFNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com