Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5220 Datasheet(PDF) 2 Page - EPCOS

Part # B5220
Description  SAW IF filter LTE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5220 Datasheet(HTML) 2 Page - EPCOS

  B5220 Datasheet HTML 1Page - EPCOS B5220 Datasheet HTML 2Page - EPCOS B5220 Datasheet HTML 3Page - EPCOS B5220 Datasheet HTML 4Page - EPCOS B5220 Datasheet HTML 5Page - EPCOS B5220 Datasheet HTML 6Page - EPCOS B5220 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
September 07, 2012
B5220
172.8 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Application
s
Low-loss IF filter for LTE base station
s
Usable passband 21 MHz
s
Unbalanced or balanced operation
Features
s
Package size 7.0 x 5.0 x 1.33 mm3
s
Package code QCC12E
s
RoHS compatible
s
Approximate weight 0.25 g
s
Ceramic Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
Pin configuration
s
10
Input
s
12
Input ground or balanced input
s
4
Output
s
6
Output ground or balanced output
s
2, 3, 8, 9
To be grounded
s
1, 5, 7, 11 Case ground
10
12
4
6
1,5,7,11


Similar Part No. - B5220

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B522-2T CRYDOM-B522-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
logo
EPCOS
B5227 EPCOS-B5227 Datasheet
70Kb / 7P
   SAW IF filter TD-SCDMA
logo
Crydom Inc.,
B522F-2 CRYDOM-B522F-2 Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B522F-2-YEC CRYDOM-B522F-2-YEC Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B522F-2T CRYDOM-B522F-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
More results

Similar Description - B5220

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5219 EPCOS-B5219 Datasheet
66Kb / 7P
   SAW IF filter LTE
B5204 EPCOS-B5204 Datasheet
57Kb / 7P
   SAW IF filter LTE
B5215 EPCOS-B5215 Datasheet
76Kb / 8P
   SAW IF filter LTE
B5128 EPCOS-B5128 Datasheet
94Kb / 8P
   SAW filter LTE
B5130 EPCOS-B5130 Datasheet
95Kb / 9P
   SAW filter LTE
logo
Transko Electronics, In...
TF-174501-S20 TRANSKO-TF-174501-S20 Datasheet
478Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
TA737AM TRANSKO-TA737AM Datasheet
373Kb / 4P
   LTE, RF SAW Filter
Revision 3: July 2015
TA1845AM TRANSKO-TA1845AM Datasheet
392Kb / 4P
   LTE, RF SAW Filter
Revision 0: December 2011
TA806BM TRANSKO-TA806BM Datasheet
376Kb / 4P
   LTE, RF SAW Filter
Revision 1: November 2012
TF-184001-S20 TRANSKO-TF-184001-S20 Datasheet
470Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com