Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74AS648NT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74AS648NT
Description  Octal Bus Transceiver and Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS648NT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74AS648NT Datasheet HTML 1Page - Fairchild Semiconductor DM74AS648NT Datasheet HTML 2Page - Fairchild Semiconductor DM74AS648NT Datasheet HTML 3Page - Fairchild Semiconductor DM74AS648NT Datasheet HTML 4Page - Fairchild Semiconductor DM74AS648NT Datasheet HTML 5Page - Fairchild Semiconductor DM74AS648NT Datasheet HTML 6Page - Fairchild Semiconductor DM74AS648NT Datasheet HTML 7Page - Fairchild Semiconductor DM74AS648NT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Note 3: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 4: The (
↑) arrow indicates the positive edge of the Clock is used for reference.
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Note 5: For I/O ports, the parameters IIH and IIL include the OFF-State current, IOZH and IOZL.
Supply Voltage
7V
Input Voltage
Control Inputs
7V
I/O Ports
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
41.1
°C/W
M Package
81.5
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
48
mA
fCLK
Clock Frequency
0
90
MHz
tW
Width of Clock Pulse
HIGH
5
ns
LOW
6
ns
tSU
Data Setup Time (Note 4)
6
ns
tH
Data Hold Time (Note 4)
0
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V, VIL = Max
IOH = Max
2
Output Voltage
VIH = Min
IOH = −3 mA
2.4
3.2
V
VCC = 4.5V to 5.5V, IOH = −2 mA
VCC − 2
VOL
LOW Level
VCC = 4.5V, VIL = Min
0.35
0.5
V
Output Voltage
VIH = 2V, IOL = Max
II
Input Current @ Max
VCC = 5.5V
VI = 7V
Control Inputs
0.1
mA
Input Voltage
VI = 5.5V
A or B Ports
0.1
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
Control Inputs
20
µA
(Note 5)
A or B Ports
70
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
Control Inputs
−0.5
mA
(Note 5)
A or B Ports
−0.75
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
120
195
DM74AS646
Outputs LOW
130
211
Outputs Disabled
130
211
mA
Outputs HIGH
110
185
DM74AS648
Outputs LOW
120
195
Outputs Disabled
120
195


Similar Part No. - DM74AS648NT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS640 FAIRCHILD-DM74AS640 Datasheet
52Kb / 5P
   3-STATE Octal Bus Transceiver
DM74AS640N FAIRCHILD-DM74AS640N Datasheet
52Kb / 5P
   3-STATE Octal Bus Transceiver
DM74AS640WM FAIRCHILD-DM74AS640WM Datasheet
52Kb / 5P
   3-STATE Octal Bus Transceiver
More results

Similar Description - DM74AS648NT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646_01 Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652-01 FAIRCHILD-DM74ALS652-01 Datasheet
61Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com