Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74AS651 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74AS651
Description  Octal Bus Transceiver and Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS651 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74AS651 Datasheet HTML 1Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 2Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 3Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 4Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 5Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 6Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 7Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2003 Fairchild Semiconductor Corporation
DS006325
www.fairchildsemi.com
October 1986
Revised July 2003
DM74AS651 • DM74AS652
Octal Bus Transceiver and Register
General Description
These devices incorporate an octal transceiver and an
octal D-type register configured to enable transmission of
data from bus to bus or internal register to bus. The
DM74AS651 offers 64-Industrial grade product guarantee-
ing performance from
−40°C to +85°C.
These bus transceivers feature totem-pole 3-STATE out-
puts designed specifically for driving highly-capacitive or
relatively low-impedance loads. The high-impedance state
and increased high-logic-level drive provide these devices
with the capability of being connected directly to and driv-
ing the bus lines in a bus-organized system without need
for interface or pull-up components. They are particularly
attractive for implementing buffer registers, I/O ports, bidi-
rectional bus drivers, and working registers.
The registers in the DM74AS651 and DM74AS652 are
edge-triggered D-type flip-flops. On the positive transition
of the clock (CAB or CBA), the input data is stored.
The SAB and SBA control pins are provided to select
whether real-time data or stored data is transferred. A LOW
input level selects real-time data and a HIGH level selects
stored data. The select controls have a “make before
break” configuration to eliminate a glitch which would nor-
mally occur in a typical multiplexer during the transition
between stored and real-time data.
The Enable (GAB and GBA) control pins provide four
modes of operation; real-time data transfer from bus A-to-
B, real-time data transfer from bus B-to-A, real-time bus A
and/or B data transfer to internal storage, or internal stored
data transfer to bus A and/or B.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s 3-STATE buffer-type outputs drive bus lines directly
s Guaranteed performance over industrial temperature
range (
−40°C to +85°C) in 64-grade products
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
DM74AS651WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
DM74AS651NT
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
DM74AS652WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
DM74AS652NT
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - DM74AS651

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651NT FAIRCHILD-DM74AS651NT Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651NT FAIRCHILD-DM74AS651NT Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651WM FAIRCHILD-DM74AS651WM Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651WM FAIRCHILD-DM74AS651WM Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
More results

Similar Description - DM74AS651

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646_01 Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652-01 FAIRCHILD-DM74ALS652-01 Datasheet
61Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com