Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3585M Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3585M
Description  LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3585M Datasheet(HTML) 1 Page - Texas Instruments

  UCC3585M Datasheet HTML 1Page - Texas Instruments UCC3585M Datasheet HTML 2Page - Texas Instruments UCC3585M Datasheet HTML 3Page - Texas Instruments UCC3585M Datasheet HTML 4Page - Texas Instruments UCC3585M Datasheet HTML 5Page - Texas Instruments UCC3585M Datasheet HTML 6Page - Texas Instruments UCC3585M Datasheet HTML 7Page - Texas Instruments UCC3585M Datasheet HTML 8Page - Texas Instruments UCC3585M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
UCC2585
UCC3585
SLUS304F − JULY 1999 − REVISED JANUARY 2005
LOW VOLTAGE SYNCHRONOUS
BUCK CONTROLLER
1
www.ti.com
FEATURES
D VOUT Resistor Programmable Down to 0.9 V
D 3.3-V or 5.0-V Input Supply
D 1% DC Accuracy
D High Efficiency Synchronous Switching
D Drives P-Channel (High Side) and N-Channel
(Low Side) MOSFETs
D Lossless Programmable Current Limit
D Logic Compatible Shutdown
APPLICATIONS
D Local Microprocessor Core Voltage Power
Supplies for Desktop and Notebook
Computers
D DSP Core or I/O Powering
D High-Speed GTL Bus Regulation
DESCRIPTION
The UCC3585 synchronous buck controller
provides flexible high efficiency power conversion
for output voltages as low as 0.9 V with ensured
±1% dc accuracy. With an input voltage range of
3.0 V to 5.5 V, it is the ideal choice for 3.3 V only,
5.0 V only, or other low voltage systems. The fixed
frequency oscillator is capable of providing
practical PWM operation to 500 kHz.
The UCC3585 drives a complementary pair of
power MOSFET transistors. A P-channel on the
high side, and an N-channel on the low side step
down the input voltage at up to 90% efficiency.
A
programmable
two-level
current
limiting
function is provided by sensing the voltage drop
across the high side P-channel MOSFET. This
circuit can be configured to provide pulse-
by-pulse limiting, timed shutdown after seven
consecutive faults, or latch-off after fault detec-
tion, allowing maximum application flexibility. The
current limit threshold can be programmed over a
wide range with a single resistor.
12
14
6
11
8
PDRV
CLSET
ISENSE
13
5
9
NDRV
PWRGND
N/C
N/C
1
4
10
2
15
VIN
VFB
ENB
COMP
SD
16
7
3SS
GND
CT
ISET
UCC3585
+
+
+
ENABLE
VIN
RTN
RTN
UDG−01127
VOUT
VIN = 3.3 V
VOUT = 1.8 V
IOUT = 3 A (max)
R6
2 k
R5
2 k
R4
14 k
R3 100 k
C5 0.1
µ F
C4 0.47
µ F
R2 10 k
C1
150
µ F
R1
10 k
C7
0.47
µ F
C8
150
µ F
C9
10
µ F
C2 5600 pF
C3 47 pF
L1
3.7
µ H
C6 470 pF
Q1
SI4562DY
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated


Similar Part No. - UCC3585M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
1Mb / 20P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
UCC3585MTR TI1-UCC3585MTR Datasheet
1Mb / 20P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
UCC3585MTRG4 TI1-UCC3585MTRG4 Datasheet
1Mb / 20P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - UCC3585M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com