Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74AS257N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # DM74AS257N
Description  3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS257N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74AS257N Datasheet HTML 1Page - Fairchild Semiconductor DM74AS257N Datasheet HTML 2Page - Fairchild Semiconductor DM74AS257N Datasheet HTML 3Page - Fairchild Semiconductor DM74AS257N Datasheet HTML 4Page - Fairchild Semiconductor DM74AS257N Datasheet HTML 5Page - Fairchild Semiconductor DM74AS257N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Note 2: The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
Supply Voltage, VCC
7V
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
75.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
48
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp
VCC = 4.5V, II = −18 mA
−1.2
V
Voltage
VOH
HIGH Level
VCC = 4.5V, IOH = Max
2.4
3.2
V
Output Voltage
IOH = −2 mA, VCC = 4.5V to 5.5V
VCC − 2V
VOL
LOW Level
VCC = 4.5V, IOL = Max
0.35
0.5
V
Output Voltage
II
Input Current @
VCC = 5.5V, VIH = 7V
A, B, G
0.1
mA
Max Input Voltage
Select
0.2
IIH
HIGH Level
VCC = 5.5V, VIH = 2.7V
A, B, G
20
µA
Input Current
Select
40
IIL
LOW Level
VCC = 5.5V, VIL = 0.4V
Select
−1
mA
Input Current
All Others
−0.5
IO (Note 2) Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
IOZH
Off-State Output Current,
VCC = 5.5V
−50
µA
HIGH Level Voltage Applied
VO = 2.7V
IOZL
Off-State Output Current,
VCC = 5.5V
−50
µA
LOW Level Voltage Applied
VO = 0.4V
ICCH
Supply
DM74AS257
Outputs HIGH
12.9
19.7
mA
Current
DM74AS258
8.8
13.5
mA
ICCL
Supply
DM74AS257
VCC = 5.5V
Outputs LOW
19
30.6
mA
Current
DM74AS258
Outputs Open
15.8
24.6
mA
ICCZ
Supply
DM74AS257
Outputs Disabled
19.7
31.9
mA
Current
DM74AS258
15.5
25.2
mA


Similar Part No. - DM74AS257N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS257N FAIRCHILD-DM74AS257N Datasheet
291Kb / 8P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
More results

Similar Description - DM74AS257N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS257 FAIRCHILD-DM74AS257_07 Datasheet
291Kb / 8P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
DM74ALS257 FAIRCHILD-DM74ALS257 Datasheet
74Kb / 7P
   3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM54S257 NSC-DM54S257 Datasheet
153Kb / 8P
   TRI-STATE QUAD 1 OF 2 DATA SELECTORS / MULTIPLEXERS
logo
Fairchild Semiconductor
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com