Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRR030P03TL Datasheet(PDF) 2 Page - Rohm

Part # RRR030P03TL
Description  4V Drive Pch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRR030P03TL Datasheet(HTML) 2 Page - Rohm

  RRR030P03TL Datasheet HTML 1Page - Rohm RRR030P03TL Datasheet HTML 2Page - Rohm RRR030P03TL Datasheet HTML 3Page - Rohm RRR030P03TL Datasheet HTML 4Page - Rohm RRR030P03TL Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RRR030P03
Data Sheet
2/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.A
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
Min.
−−
±10
µAVGS= ±20V, VDS=0V
VDD
−15V, ID= −3A
Typ.
Max.
Unit
Conditions
−30
−−
VID=
−1mA, VGS=0V
−−
−1
µAVDS= −30V, VGS=0V
−1.0
−−2.5
V
VDS=
−10V, ID= −1mA
55
75
ID=
−3A, VGS= −10V
85
115
m
m
m
ID=
−1.5A, VGS= −4.5V
95
125
ID=
−1.5A, VGS= −4V
2.4
−−
SVDS=
−10V, ID= −3A
480
pF
VDS=
−10V
70
70
pF
VGS=0V
7
pF
f=1MHz
18
ns
50
ns
35
ns
5.2
ns
1.6
nC
1.6
nC
VGS=
−5V
−−
nC
VDD
−15V
ID=
−1.5A
VGS=
−10V
RL 10
RGS=10
RL
5
Ω, RG=10Ω
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
Forward voltage
Parameter
Symbol
Min.
Typ.
−1.2
V
IS=
−3A, VGS=0V
Max.
Unit
Conditions
∗Pulsed


Similar Part No. - RRR030P03TL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RRR030P03TL VBSEMI-RRR030P03TL Datasheet
483Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - RRR030P03TL

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
UM6J1N ROHM-UM6J1N_09 Datasheet
168Kb / 4P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com