Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQ2L25V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # TQ2L25V
Description  Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TQ2L25V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  TQ2L25V Datasheet HTML 1Page - Panasonic Semiconductor TQ2L25V Datasheet HTML 2Page - Panasonic Semiconductor TQ2L25V Datasheet HTML 3Page - Panasonic Semiconductor TQ2L25V Datasheet HTML 4Page - Panasonic Semiconductor TQ2L25V Datasheet HTML 5Page - Panasonic Semiconductor TQ2L25V Datasheet HTML 6Page - Panasonic Semiconductor TQ2L25V Datasheet HTML 7Page - Panasonic Semiconductor TQ2L25V Datasheet HTML 8Page - Panasonic Semiconductor TQ2L25V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TQ
TYPES
■ Standard PC board terminal and self-clinching terminal
1. Standard (B.B.M.) type
1) Standard PC board terminal
Standard packing (2 Form C): Tube: 50 pcs.; Case: 1,000 pcs.
Standard packing (4 Form C): Tube: 25 pcs.; Case: 500 pcs.
2) Self-clinching terminal
Note: Types (“-3” to the end of part No.) designed to withstand strong vibration caused, for example, by the use of terminal cutters, can also be ordered.
However, please contact us if you need parts for use in low level load.
2. M.B.B. type
1) Standard PC board terminal
Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching
Part No.
Part No.
Part No.
2 Form C
3V DC
TQ2-3V
TQ2-L-3V
TQ2-L2-3V
4.5V DC
TQ2-4.5V
TQ2-L-4.5V
TQ2-L2-4.5V
5V DC
TQ2-5V
TQ2-L-5V
TQ2-L2-5V
6V DC
TQ2-6V
TQ2-L-6V
TQ2-L2-6V
9V DC
TQ2-9V
TQ2-L-9V
TQ2-L2-9V
12V DC
TQ2-12V
TQ2-L-12V
TQ2-L2-12V
24V DC
TQ2-24V
TQ2-L-24V
TQ2-L2-24V
48V DC
TQ2-48V
4 Form C
3V DC
TQ4-3V
TQ4-L-3V
TQ4-L2-3V
4.5V DC
TQ4-4.5V
TQ4-L-4.5V
TQ4-L2-4.5V
5V DC
TQ4-5V
TQ4-L-5V
TQ4-L2-5V
6V DC
TQ4-6V
TQ4-L-6V
TQ4-L2-6V
9V DC
TQ4-9V
TQ4-L-9V
TQ4-L2-9V
12V DC
TQ4-12V
TQ4-L-12V
TQ4-L2-12V
24V DC
TQ4-24V
TQ4-L-24V
TQ4-L2-24V
48V DC
TQ4-48V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching
Part No.
Part No.
Part No.
2 Form C
3V DC
TQ2H-3V
TQ2H-L-3V
TQ2H-L2-3V
4.5V DC
TQ2H-4.5V
TQ2H-L-4.5V
TQ2H-L2-4.5V
5V DC
TQ2H-5V
TQ2H-L-5V
TQ2H-L2-5V
6V DC
TQ2H-6V
TQ2H-L-6V
TQ2H-L2-6V
9V DC
TQ2H-9V
TQ2H-L-9V
TQ2H-L2-9V
12V DC
TQ2H-12V
TQ2H-L-12V
TQ2H-L2-12V
24V DC
TQ2H-24V
TQ2H-L-24V
TQ2H-L2-24V
48V DC
TQ2H-48V
4 Form C
3V DC
TQ4H-3V
TQ4H-L-3V
TQ4H-L2-3V
4.5V DC
TQ4H-4.5V
TQ4H-L-4.5V
TQ4H-L2-4.5V
5V DC
TQ4H-5V
TQ4H-L-5V
TQ4H-L2-5V
6V DC
TQ4H-6V
TQ4H-L-6V
TQ4H-L2-6V
9V DC
TQ4H-9V
TQ4H-L-9V
TQ4H-L2-9V
12V DC
TQ4H-12V
TQ4H-L-12V
TQ4H-L2-12V
24V DC
TQ4H-24V
TQ4H-L-24V
TQ4H-L2-24V
48V DC
TQ4H-48V
Contact arrangement
Nominal coil voltage
Single side stable
Part No.
2 Form C
3V DC
TQ2-2M-3V
4.5V DC
TQ2-2M-4.5V
5V DC
TQ2-2M-5V
6V DC
TQ2-2M-6V
9V DC
TQ2-2M-9V
12V DC
TQ2-2M-12V
24V DC
TQ2-2M-24V
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - TQ2L25V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2- PANASONIC-TQ2- Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
logo
Nais(Matsushita Electri...
TQ2-12V NAIS-TQ2-12V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Panasonic Semiconductor
TQ2-12V PANASONIC-TQ2-12V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
logo
Nais(Matsushita Electri...
TQ2-24V NAIS-TQ2-24V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Panasonic Semiconductor
TQ2-24V PANASONIC-TQ2-24V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
More results

Similar Description - TQ2L25V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
TQ2-3V PANASONIC-TQ2-3V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ Datasheet
333Kb / 3P
   Comply with the RoHS directive
logo
Hirose Electric
PCN10 HIROSE-PCN10 Datasheet
2Mb / 37P
   Comply with IEC603-2/DIN41612 standard
logo
Advanced Crystal Techno...
ACT86LCSMX ACT-ACT86LCSMX Datasheet
151Kb / 2P
   a low cost version of our popular the Surface Mount,
31/08/07
logo
Panasonic Battery Group
TQ PANASONICBATTERY-TQ Datasheet
186Kb / 11P
   2-pole 5 mm SurfaceMount Relay
logo
List of Unclassifed Man...
90-340 ETC2-90-340 Datasheet
274Kb / 2P
   2 POLE SWITCHING RELAYS
logo
Littelfuse
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
List of Unclassifed Man...
L1T2-3070000000000 ETC2-L1T2-3070000000000_14 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com