Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25620B1197K983 Datasheet(PDF) 2 Page - EPCOS

Part # B25620B1197K983
Description  Film Capacitors ??Power Electronic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620B1197K983 Datasheet(HTML) 2 Page - EPCOS

  B25620B1197K983 Datasheet HTML 1Page - EPCOS B25620B1197K983 Datasheet HTML 2Page - EPCOS B25620B1197K983 Datasheet HTML 3Page - EPCOS B25620B1197K983 Datasheet HTML 4Page - EPCOS B25620B1197K983 Datasheet HTML 5Page - EPCOS B25620B1197K983 Datasheet HTML 6Page - EPCOS B25620B1197K983 Datasheet HTML 7Page - EPCOS B25620B1197K983 Datasheet HTML 8Page - EPCOS B25620B1197K983 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 2 of 20
Important notes at the end of this document.
Construction and general data
Test data
Voltage between terminals VTT
1.5
VDC , 10s
Voltage between terminals and case VTC
4000 VAC, 10s
Dissipation factor tan δ (100 Hz)
≤ 1.0 • 10
-3
Life test
According to IEC 61071
Cooling
Naturally air-cooled (or forced air cooling)
Degree of protection
Indoor mounting
Reference standards
IEC 61071
RoHS compliance
Certification: UL 810-5th edition (refer to table 1.3)
Characteristics
Standard capacitance tolerance
K: ±10%
Dielectric dissipation factor (tan δo)
2 • 10
-4
Θstg
–55 ... +85 °C
Expected lifetime tLD (co)
100 000 h at
Θhs +75°C (refer to section 1)
Fit rate
200 (refer to section 2)
Minimum temperature
Θmin.
–55 °C
Maximum temperature
Θmax.
+ 70 °C (refer to section 2)
Storage temperature
Θstg
–55 ... +85 °C
Maximum hotspot temperature
Θhs
(refer to section 1)
+85 ºC for diameter 85 and 90 mm
+75 °C for diameter 116 mm
Climatic category
55/70/56
Maximum altitude
2000 m above sea level
(derating curves available upon request)
Design data
Impregnation
Resin filling: Non PCB, hard polyurethane (dry type)
Mounting and grounding
M12 threaded bolt on bottom of the aluminum case
Max. torque (case) M12 stud
10 Nm
Max. torque terminal
Female M6: 5 Nm
Female M8: 6 Nm
Male M8: 8 Nm


Similar Part No. - B25620B1197K983

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25620B1197K983 TDK-B25620B1197K983 Datasheet
652Kb / 23P
   Power Electronic Capacitors
B25620B1197K983 TDK-B25620B1197K983 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620B1197K983

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com