Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32360A2806J050 Datasheet(PDF) 5 Page - EPCOS

Part # B32360A2806J050
Description  Power Capacitors for Industrial Applications and Renewable Energy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32360A2806J050 Datasheet(HTML) 5 Page - EPCOS

  B32360A2806J050 Datasheet HTML 1Page - EPCOS B32360A2806J050 Datasheet HTML 2Page - EPCOS B32360A2806J050 Datasheet HTML 3Page - EPCOS B32360A2806J050 Datasheet HTML 4Page - EPCOS B32360A2806J050 Datasheet HTML 5Page - EPCOS B32360A2806J050 Datasheet HTML 6Page - EPCOS B32360A2806J050 Datasheet HTML 7Page - EPCOS B32360A2806J050 Datasheet HTML 8Page - EPCOS B32360A2806J050 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Please read Important notes on page 4.
© EPCOS AG 2012
Power Capacitors
for UPS Systems and Filter Applications
Benefits
z
z
Resin filling, non-PCB, soft polyurethane
z
z
Safety device: overpressure disconnector,
self-healing properties
z
z
Mounting and grounding by stud on bottom
of aluminum can
z
z
Naturally air-cooled or forced air cooling
z
z
Indoor mounting
z
z
Reference standards IEC1071
z
z
UL approval file E106388
Block diagram of capacitors needed in state-of-the-art UPS systems
EMC
lter
Battery
manager
Output
transformer
and lter
Main
transformer
Input
lter
Frequency
converter
Electronic
bypass
Manual bypass
(up to 150 kVA equipment)
Load
MKP, MKK capacitors
Battery
Power
connection
EMI capacitors
Aluminum electrolytic
capacitors
Snubber capacitors
Characteristics
Series
Technical data
Features
Type
MKP AC
C
R:
3 … 600 µF
V
RMS: 250 … 600 V AC
T
op:
–40 … +70 °C
Five different terminal types
IEC1071, UL E106388 approved
High peak current capability
Customized configurations
Overpressure disconnector
Self-healing
Aluminum can
B32360
B32361
B32362
B32363
B32364


Similar Part No. - B32360A2806J050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32360A2806J050 EPCOS-B32360A2806J050 Datasheet
669Kb / 12P
   Film capacitors - Power Electronic Capacitors
B32360A2806J050 EPCOS-B32360A2806J050 Datasheet
893Kb / 13P
   Film capacitors - power electronic capacitors
More results

Similar Description - B32360A2806J050

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
DISFIM AVX-DISFIM Datasheet
42Kb / 1P
   For Energy Storage and Discharge Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
   EnerChip Energy Processor for Energy Harvesting Applications
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
logo
Sangdest Microelectroni...
SK2U150 SMC-SK2U150 Datasheet
276Kb / 4P
   Optimized for power conversion: welding and industrial SMPS applications
logo
Vishay Siliconix
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
220EDLCENYCAP VISHAY-220EDLCENYCAP Datasheet
118Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 20-Oct-16
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
   Intelligent Power Module for Energy Efficient Compressor Applications
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
   For Industrial Applications
Rev. 1.3, 2010-03-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com