Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25623B1537K104 Datasheet(PDF) 6 Page - EPCOS

Part # B25623B1537K104
Description  Film Capacitors ??Power Electronic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25623B1537K104 Datasheet(HTML) 6 Page - EPCOS

Back Button B25623B1537K104 Datasheet HTML 2Page - EPCOS B25623B1537K104 Datasheet HTML 3Page - EPCOS B25623B1537K104 Datasheet HTML 4Page - EPCOS B25623B1537K104 Datasheet HTML 5Page - EPCOS B25623B1537K104 Datasheet HTML 6Page - EPCOS B25623B1537K104 Datasheet HTML 7Page - EPCOS B25623B1537K104 Datasheet HTML 8Page - EPCOS B25623B1537K104 Datasheet HTML 9Page - EPCOS B25623B1537K104 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 6 of 20
Important notes at the end of this document.
Terms and characteristics
The following definitions apply to power capacitors according to IEC 61071.
Rated capacitance CN
Nominal value of the capacitance at 20 °C and measuring frequency range of 50 to 120 Hz.
Rated DC voltage VRDC
Maximum operating peak voltage of either polarity but of a non-reversing type wave form, for which the capacitor
has been designed, for continuous operation.
Ripple voltage Vr
Peak-to-peak alternating component of the unidirectional voltage.
Maximum surge voltage Vs
Peak voltage induced by a switching or any other disturbance of the system which is allowed for a limited
number of times and duration.
- Maximum duration: 50 ms / pulse
- Maximum number of occurrences: 1000 (during load)
Insulation voltage Vi
Rms rated value of the insulation voltage of capacitive elements and terminals to case or earth. When it is not
specified in the product data sheet, the insulation voltage is at least:
Vi =
2
R
V
Maximum rate of voltage rise (dV/dt
)max
Maximum permissible repetitive rate of voltage rise of the operational voltage.
Maximum current Imax
Maximum rms current for continuous operation.
Maximum peak current Î
Maximum permissible repetitive current amplitude during continuous operation.
Maximum peak current (Î) and maximum rate of voltage rise (dV/dt)max on a capacitor are related as follows:
Î
= C · (dV/dt)max
Maximum surge current Î s
Admissible peak current induced by a switching or any other disturbance of the system which is allowed for a
limited number of times (1000 times) and duration (50 ms / pulse).
Îs = C · (dV/dt)s
Ambient temperature
ΘA
Temperature of the surrounding air, measured at 10 cm distance and 2/3 of the case height of the capacitor.
Lowest operating temperature
Θmin
Lowest permitted ambient temperature at which a capacitor may be energized.


Similar Part No. - B25623B1537K104

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25623B1537K104 TDK-B25623B1537K104 Datasheet
652Kb / 23P
   Power Electronic Capacitors
More results

Similar Description - B25623B1537K104

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com