Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25620B1487K101 Datasheet(PDF) 5 Page - EPCOS

Part # B25620B1487K101
Description  Film Capacitors ??Power Electronic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620B1487K101 Datasheet(HTML) 5 Page - EPCOS

  B25620B1487K101 Datasheet HTML 1Page - EPCOS B25620B1487K101 Datasheet HTML 2Page - EPCOS B25620B1487K101 Datasheet HTML 3Page - EPCOS B25620B1487K101 Datasheet HTML 4Page - EPCOS B25620B1487K101 Datasheet HTML 5Page - EPCOS B25620B1487K101 Datasheet HTML 6Page - EPCOS B25620B1487K101 Datasheet HTML 7Page - EPCOS B25620B1487K101 Datasheet HTML 8Page - EPCOS B25620B1487K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 5 of 20
Important notes at the end of this document.
Figure 3 : - B25620B - Ø 90mm
Figure 4: - B25620B - Ø 116mm
- Male terminals (M8)
- Female terminals (M6)
- Between terminals 45±0.5mm
- Between terminals 50±0.5mm
M12 stud on bottom of the aluminum case, nut and washer for fixing are standard for all types.
Ø 90 ± 0.5
45 ± 0.5
Ø 116 ± 0.5
50 ± 0.5


Similar Part No. - B25620B1487K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25620B1487K101 EPCOS-B25620B1487K101 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
logo
TDK Electronics
B25620B1487K101 TDK-B25620B1487K101 Datasheet
652Kb / 23P
   Power Electronic Capacitors
More results

Similar Description - B25620B1487K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com