Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25620D1457K101 Datasheet(PDF) 8 Page - EPCOS

Part # B25620D1457K101
Description  Film Capacitors ??Power Electronic Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620D1457K101 Datasheet(HTML) 8 Page - EPCOS

Back Button B25620D1457K101 Datasheet HTML 4Page - EPCOS B25620D1457K101 Datasheet HTML 5Page - EPCOS B25620D1457K101 Datasheet HTML 6Page - EPCOS B25620D1457K101 Datasheet HTML 7Page - EPCOS B25620D1457K101 Datasheet HTML 8Page - EPCOS B25620D1457K101 Datasheet HTML 9Page - EPCOS B25620D1457K101 Datasheet HTML 10Page - EPCOS B25620D1457K101 Datasheet HTML 11Page - EPCOS B25620D1457K101 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Film Capacitors – Power Electronic Capacitors
B2562*
MKP DC
FILM R&D / FILM P PM
January 2013 – Version 8
Please read Cautions and warnings and
Page 8 of 20
Important notes at the end of this document.
VR = 700 V DC / VTT = 1050 V DC, 10s / VTC = 4000 V AC, 10s
CR
µF
IMAX
1
A
Is
kA
Î
kA
RS
m
Ω
Lself
nH
RTH
K/W
D
mm
H
mm
Weight
kg
Fig.
Ordering code
280
55
12.1
4.0
1.2
≤ 40
5.4
85
70
0.45
1
B25620B0287K701
500
60
13.5
4.5
1.4
≤ 40
3.7
90
95
0.73
3
B25623B0507K704
560
80
24.2
8.0
0.9
≤ 40
4.0
116
70
0.88
4
B25620B0567K703
620
55
12.1
4.0
1.9
≤ 40
3.1
85
120
0.71
1
B25620B0627K701
700
55
12.1
4.0
2.0
≤ 40
2.8
85
132
0.87
1
B25620B0707K701
780
65
13.4
4.5
1.9
≤ 40
2.7
90
132
1.00
3
B25623B0787K703
900
80
24.3
8.0
1.1
≤ 40
2.9
116
95
1.13
4
B25620B0907K703
1240
80
24.3
8.1
1.3
≤ 40
2.3
116
120
1.40
4
B25620B0128K743
1400
80
24.1
8.0
1.4
≤ 40
2.1
116
132
1.55
4
B25620B0148K703
VR = 900 V DC / VTT = 1350V DC, 10s / VTC = 4000 V AC, 10s
CR
µF
IMAX
1
A
Is
kA
Î
kA
RS
m
Ω
Lself
nH
RTH
K/W
D
mm
H
mm
Weight
kg
Fig.
Ordering code
220
50
10.8
3.6
1.3
≤ 40
5.4
85
70
0.45
1
B25620B0227K881
220
50
10.8
3.6
1.3
≤ 40
5.4
85
73
0.48
2
B25620C0227K881
350
50
10.7
3.6
1.7
≤ 40
3.9
85
95
0.58
1
B25620B0357K881
350
50
10.7
3.6
1.7
≤ 40
3.9
85
98
0.61
2
B25620C0357K881
420
60
11.9
4.0
1.5
≤ 40
3.7
90
95
0.73
3
B25623B0427K904
440
65
21.7
7.2
1.1
≤ 40
3.8
116
70
0.88
4
B25620B0447K883
480
55
10.8
3.6
2.8
≤ 40
3.1
85
120
0.71
1
B25620B0487K881
480
55
10.8
3.6
2.1
≤ 40
3.1
85
123
0.74
2
B25620C0487K881
550
50
11
3.7
2.3
≤ 40
2.8
85
132
0.87
1
B25620B0557K881
550
50
11
3.7
2.3
≤ 40
2.8
85
135
0.9
2
B25620C0557K881
580
62
11.9
4.0
1.9
≤ 40
3.0
90
120
0.9
3
B25623B0587K904
650
62
11.8
3.9
2.1
≤ 40
2.7
90
132
1
3
B25623B0657K904
700
70
21.5
7.1
1.2
≤ 40
2.9
116
95
1.13
4
B25620B0707K883
730
62
11.8
3.9
2.2
≤ 60
2.4
90
145
1.2
3
B25623B0737K904
750
55
23.1
7.7
1.2
≤ 60
2.2
85
173
1.1
1
B25620B0757K881
750
55
23.1
7.7
1.2
≤ 60
2.2
85
176
1.13
2
B25620C0757K881
830
58
23.5
7.8
0.7
≤ 60
2.1
90
173
1.3
3
B25623B0837K904
970
75
21.7
7.2
1.4
≤ 40
2.3
116
120
1.4
4
B25620B0977K883
1100
75
21.7
7.2
1.6
≤ 40
2.1
116
132
1.55
4
B25620B0118K883
1500
80
43
15.4
1.1
≤ 60
1.6
116
173
1.945
4
B25620B0158K883
1
IMAX at
Θ 40°C, refer to “current derating” section for more details
Other configurations and capacitance tolerances available upon request


Similar Part No. - B25620D1457K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25620D1457K101 TDK-B25620D1457K101 Datasheet
652Kb / 23P
   Power Electronic Capacitors
More results

Similar Description - B25620D1457K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B2562 EPCOS-B2562 Datasheet
341Kb / 10P
   Film capacitors- Power electronic capacitors
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com