Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25832F6155K001 Datasheet(PDF) 4 Page - EPCOS

Part # B25832F6155K001
Description  MKV AC capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25832F6155K001 Datasheet(HTML) 4 Page - EPCOS

  B25832F6155K001 Datasheet HTML 1Page - EPCOS B25832F6155K001 Datasheet HTML 2Page - EPCOS B25832F6155K001 Datasheet HTML 3Page - EPCOS B25832F6155K001 Datasheet HTML 4Page - EPCOS B25832F6155K001 Datasheet HTML 5Page - EPCOS B25832F6155K001 Datasheet HTML 6Page - EPCOS B25832F6155K001 Datasheet HTML 7Page - EPCOS B25832F6155K001 Datasheet HTML 8Page - EPCOS B25832F6155K001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Please read Cautions and warnings and
4
09/05
Important notes at the end of this document.
MKV AC Capacitors
General AC Applications
B25832
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20 °C
Lself
nH
Dimensions
d × l
mm
Fig. Appr.
weight
g
Ordering code
V
R = AC 640 V
= 800 V
vs = 1100 V
VTT = AC 800 V, 10 s
VTC = AC 2200 V, 10 s
1.0
10
40
100
24.0
50 25 × 48
3
30
B25832F4105K001
1.5
10
25
60
54.0
90 25 × 80
3
50
B25832F4155K001
1.6
16
60
160
16.0
50 30 × 48
4
50
B25832F4165K001
2.0
16
80
200
13.0
50 30 × 48
4
50
B25832F4205K001
2.2
10
35
90
39.0
90 25 × 80
3
50
B25832F4225K001
2.5
16
100
250
12.0
50 35 × 48
5
60
B25832F4255K001
3.0
10
50
120
30.0
90 25 × 80
3
50
B25832F4305K001
3.0
16
120
300
11.0
50 35 × 48
5
60
B25832F4305K011
3.3
10
50
130
28.0
90 25 × 80
3
50
B25832F4335K001
4.0
16
60
160
24.0
90 30 × 80
4
70
B25832F4405K001
4.7
16
75
190
21.0
90 30 × 80
4
70
B25832F4475K001
5.0
16
80
200
20.0
90 30 × 80
4
70
B25832F4505K001
6.0
18
240
600
5.6
70 45 × 57
1
110
B25832C4605K009
6.8
16
110
270
17.0
90 35 × 80
5
100
B25832F4685K001
7.0
16
110
280
16.0
90 35 × 80
5
100
B25832F4705K001
8.0
18
130
320
12.0
90 40 × 86
1
130
B25832C4805K009
10
18
160
400
10.0
90 40 × 86
1
130
B25832C4106K009
12
18
190
480
9.4
90 45 × 86
1
160
B25832C4126K009
14
18
220
560
8.6
90 50 × 86
1
200
B25832C4146K009
15
18
240
600
8.1
90 50 × 86
1
200
B25832C4156K009
16
18
260
640
7.8
90 50 × 86
1
200
B25832C4166K009
20
18
320
800
7.0
90 55 × 86
1
250
B25832C4206K009
22
18
350
880
6.7
90 60 × 86
1
300
B25832C4226K009
25
18
400
1000
6.2
90 60 × 86
1
300
B25832C4256K009
30
18
480
1200
6.8
140 50
× 156
1
370
B25832C4306K009
33
18
530
1300
6.6
140 50 × 156
1
370
B25832C4336K009
40
18
640
1600
6.2
140 55 × 156
1
450
B25832C4406K009
47
18
750
1900
6.1
140 60 × 156
1
550
B25832C4476K009
50
18
800
2000
5.9
140 60 × 156
1
550
B25832C4506K009
1) Other capacitance values upon request


Similar Part No. - B25832F6155K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F6205K001 EPCOS-B25832F6205K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832F6255K001 EPCOS-B25832F6255K001 Datasheet
276Kb / 10P
   MKV AC capacitors
More results

Similar Description - B25832F6155K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832F4105K001 EPCOS-B25832F4105K001 Datasheet
276Kb / 10P
   MKV AC capacitors
B25834 EPCOS-B25834 Datasheet
303Kb / 12P
   MKV AC capacitors
B25835 EPCOS-B25835 Datasheet
174Kb / 8P
   MKV AC capacitors
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
   MKV AC Capacitors Damping
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
   MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
   MKV-Capacitor
B25836B6107A305 EPCOS-B25836B6107A305 Datasheet
466Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B5287A305 EPCOS-B25836B5287A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6137A305 EPCOS-B25836B6137A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
B25836B6167A305 EPCOS-B25836B6167A305 Datasheet
175Kb / 9P
   Film capacitors - Power Factor Correction MKV capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com