Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57964S0282000 Datasheet(PDF) 5 Page - EPCOS

Part # B57964S0282000
Description  NTC thermistors for temperature sensing and compensation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57964S0282000 Datasheet(HTML) 5 Page - EPCOS

  B57964S0282000 Datasheet HTML 1Page - EPCOS B57964S0282000 Datasheet HTML 2Page - EPCOS B57964S0282000 Datasheet HTML 3Page - EPCOS B57964S0282000 Datasheet HTML 4Page - EPCOS B57964S0282000 Datasheet HTML 5Page - EPCOS B57964S0282000 Datasheet HTML 6Page - EPCOS B57964S0282000 Datasheet HTML 7Page - EPCOS B57964S0282000 Datasheet HTML 8Page - EPCOS B57964S0282000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
R/T characteristics
R/T No.
1008
8016
T (
°C)
B25/100 = 3560 K
B25/100 = 3988 K
RT/R25
α (%/K) R
T/R25
α (%/K)
55.0
53.104
6.1
96.3
7.4
50.0
39.318
6.0
67.01
7.2
45.0
29.325
5.8
47.17
6.9
40.0
22.03
5.7
33.65
6.7
35.0
16.666
5.5
24.26
6.4
30.0
12.696
5.4
17.7
6.2
25.0
9.7251
5.2
13.04
6.0
20.0
7.5171
5.1
9.707
5.8
15.0
5.8353
4.9
7.293
5.6
10.0
4.5686
4.8
5.533
5.5
5.0
3.605
4.7
4.232
5.3
0.0
2.8665
4.5
3.265
5.1
5.0
2.2907
4.4
2.539
5.0
10.0
1.8438
4.3
1.99
4.8
15.0
1.492
4.1
1.571
4.7
20.0
1.2154
4.0
1.249
4.5
25.0
1.0000
3.9
1.0000
4.4
30.0
0.82976
3.8
0.8057
4.3
35.0
0.68635
3.7
0.6531
4.1
40.0
0.57103
3.6
0.5327
4.0
45.0
0.48015
3.5
0.4369
3.9
50.0
0.40545
3.4
0.3603
3.8
55.0
0.3417
3.3
0.2986
3.7
60.0
0.28952
3.2
0.2488
3.6
65.0
0.24714
3.1
0.2083
3.5
70.0
0.21183
3.1
0.1752
3.4
75.0
0.18194
3.0
0.1481
3.3
80.0
0.1568
2.9
0.1258
3.2
85.0
0.13592
2.8
0.1072
3.2
90.0
0.11822
2.8
0.09177
3.1
95.0
0.1034
2.7
0.07885
3.0
100.0
0.090741
2.6
0.068
2.9
105.0
0.079642
2.6
0.05886
2.9
110.0
0.070102
2.5
0.05112
2.8
115.0
0.061889
2.4
0.04454
2.7
120.0
0.054785
2.4
0.03893
2.6
125.0
0.048706
2.3
0.03417
2.6
130.0
0.043415
2.3
0.03009
2.5
135.0
0.038722
2.2
0.02654
2.5
140.0
0.034615
2.2
0.02348
2.4
145.0
0.031048
2.1
0.02083
2.4
150.0
0.02791
2.1
0.01853
2.3
155.0
0.025193
2.0
0.01653
2.3
Temperature measurement and compensation
B57964S
Leaded NTC thermistors, lead spacing 2.5 mm
S964
Page 5 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57964S0282000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57964S0282F000 EPCOS-B57964S0282F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
B57964S0282H000 EPCOS-B57964S0282H000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
B57964S0282J000 EPCOS-B57964S0282J000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
More results

Similar Description - B57964S0282000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
R44E MURATA-R44E Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XV103J03RB MURATA-NCP18XV103J03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NTSA0XR502EE1B0 MURATA-NTSA0XR502EE1B0 Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com